Electronic Components Datasheet Search
  English  ▼

X  

AN3995 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3995
Description  Getting started tutorial
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3995 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3995 Datasheet HTML 28Page - STMicroelectronics AN3995 Datasheet HTML 29Page - STMicroelectronics AN3995 Datasheet HTML 30Page - STMicroelectronics AN3995 Datasheet HTML 31Page - STMicroelectronics AN3995 Datasheet HTML 32Page - STMicroelectronics AN3995 Datasheet HTML 33Page - STMicroelectronics AN3995 Datasheet HTML 34Page - STMicroelectronics AN3995 Datasheet HTML 35Page - STMicroelectronics AN3995 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
e200z0h Initializations and example code
AN3995
32/49
Doc ID 022384 Rev 2
4
e200z0h Initializations and example code
The e200z0h core executes code from the start address defined in the DPM boot register
after the execution of the three write sequences over the SSCM registers (see
Section 3.2.5: Starting the e200z0h core).
As previously mentioned in this application note, with the exception of XBAR (see
Section 3.1.7: Performance Hints Initialization), the initialization code for the cores are
executed separately(t) and it means that the e200z0h has its own startup file (see
Section 4.1: e200z0h startup code).
4.1
e200z0h startup code
The startup code for the e200z0h is very simple because the user has to configure only few
topics.
The e200z0h is activated by the e200z4d core and for this reason the microcontroller
doesn’t follow the normal boot sequence as for the primary core (see section e200z4d Core
in RM0070 see Section 2.1: Boot mechanism): this implies that there is no RCHW section in
the code (see Figure 26).
Whereas the e200z0h core doesn’t have either MMU, nor cache and considering the device
initializations done by e200z4d core (see Section 3: e200z4d initialization and example
code), the initialization code has to perform only two actions (see Figure 26):
1.
Initialize SRAM ECC (second block) (see Section 3.1.3: Initialize the SRAM ECC);
2.
Enable BTB (Branch Target Buffer) for the e200z0h core (see Section 3.1.7:
Performance Hints Initialization).
t.
In order to simplify the work to the user it was suggested to have two separate projects for the two cores.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com