Electronic Components Datasheet Search
  English  ▼

X  

AN3995 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3995
Description  Getting started tutorial
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3995 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3995 Datasheet HTML 41Page - STMicroelectronics AN3995 Datasheet HTML 42Page - STMicroelectronics AN3995 Datasheet HTML 43Page - STMicroelectronics AN3995 Datasheet HTML 44Page - STMicroelectronics AN3995 Datasheet HTML 45Page - STMicroelectronics AN3995 Datasheet HTML 46Page - STMicroelectronics AN3995 Datasheet HTML 47Page - STMicroelectronics AN3995 Datasheet HTML 48Page - STMicroelectronics AN3995 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
AN3995
Linker file
Doc ID 022384 Rev 2
45/49
}
//
// Program layout for starting in ROM, copying data to RAM,
// and continuing to execute out of ROM.
//
SECTIONS
{
.rchw
: > Flash_rsvd1
//
// ROM SECTIONS
//
.vletext_boot: {} > Flash_memory_z4
/* VLE Code */
.text
: > .
.vletext: > .
.fixaddr
: {} > .
/* Required for
*/
.fixtype
: {} > .
/* compatibility with
*/
.secinfo
: {} > .
/* GHS provided startup */
.syscall
: {} > ./* code
*/
.rodata
: {*(.rdata) *(.rodata)} > .
/* Read Only Data */
.ROM.dataROM(.data)
: {} > .
/* Store Initialised RAM Variables */
.ROM.sdata
ROM(.sdata) : {} > .
/* temporarily in Flash
*/
.ROM.sdata2ROM(.sdata2): {} > .
/* temporarily in Flash
*/
.xcptn ALIGN(0x10000) : {} > .
/* Exception Vector Table (IVPR) - align 64K
boundary */
.isrvectbl ALIGN(0x800) : {} > .
/* ISR Vector Table - must be 2K aligned */
//
// RAM SECTIONS
//
.data
: {} > sram_memory_z4 /* Initialised Data
*/
.bss
: {} > .
/* Uninitialised Data
*/
.sdabase ALIGN (16): {} > ./* Base location for SDA Area
*/
.sdata
: {} > .
/* Small Initialised Data (Area1)
*/
.sbss
: {} > .
/* Small Uninitialised Data (Area1)*/
.sdata2
: {} > .
/* Small Initialised Constant Data */
.sbss2
: {} > .
/* Small Uninitialised Data (Area2)*/
.heap
ALIGN(16) PAD(heap_size)
: > .
.stack ALIGN(16) PAD(stack_size) : > .
_SRAM_SIZE= SRAM_SIZE;// Labels Used for Initialising SRAM ECC
_SRAM_ADDR= SRAM_ADDR;// Labels Used for Initialising SRAM ECC
_SRAM_SIZE_Z4= SRAM_SIZE_Z4;// Labels Used for Initialising SRAM ECC
_SRAM_ADDR_Z4= SRAM_ADDR_Z4;// Labels Used for Initialising SRAM ECC
_SRAM_SIZE_Z0= SRAM_SIZE_Z0;// Labels Used for Initialising SRAM ECC
_SRAM_ADDR_Z0= SRAM_ADDR_Z0;// Labels Used for Initialising SRAM ECC
//
// These special symbols mark the bounds of RAM and ROM memory.
// They are used by the MULTI debugger.
//
__ghs_ramstart
= MEMADDR(sram_rsvd1);
__ghs_ramend
= MEMENDADDR(sram_memory_z4);
__ghs_romstart
= MEMADDR(Flash_rsvd1);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com