Electronic Components Datasheet Search
  English  ▼

X  

AN4026 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 30Page - STMicroelectronics AN4026 Datasheet HTML 31Page - STMicroelectronics AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics AN4026 Datasheet HTML 37Page - STMicroelectronics AN4026 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Bill of material
AN4026
34/40
Doc ID 022603 Rev 1
Note:
Some preliminary demonstration boards use the PCB of the EVL6599A-90WADP reworked
for the L6699. On these boards the silkscreen reports the original reference designators of
these components as D10 and D11, like in the circuit diagram of the EVL6599A-90WADP.
The name of the boards reported on the PCB silkscreen top side is "90 W adapter with the
L6563H and L6599A Rev. 1.0". More recent demonstration boards have updated the
reference designators and the silkscreen of D10 and D11 has been updated to R63 and R64
respectively. The name of these more recent boards reported on the PCB top side is "90 W
adapter with the L6563H and L6699 Rev. 1.0". There isn't any circuit difference between the
two boards.
U4
TL431AIZ
TO-92
Programmable shunt voltage reference
STMicroelectronics
Z1
PCB REV. 1.0
Table 4.
Bill of material (continued)
Des.
Part type/
part value
Case style
/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com