Electronic Components Datasheet Search
  English  ▼

X  

AN4026 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics AN4026 Datasheet HTML 37Page - STMicroelectronics AN4026 Datasheet HTML 38Page - STMicroelectronics AN4026 Datasheet HTML 39Page - STMicroelectronics AN4026 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
PFC coil specifications
AN4026
36/40
Doc ID 022603 Rev 1
8.4
Mechanical aspect and pin numbering
●
Maximum height from PCB: 22 mm
●
Coil former type: vertical, 6+6 pins (pins #1, 2, 4, 6, 7, 10, 12 are removed)
●
Pin distance: 3.81 mm
●
Row distance: 25 mm
●
External copper shield: not insulated, wound around the ferrite core and including the
coil former. Height is 8 mm. Connected to pin #3 by a soldered solid wire.
Figure 31.
PFC coil mechanical aspect
Manufacturer
●
MAGNETICA - Italy
●
Inductor p/n: 1974.0004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com