Electronic Components Datasheet Search
  English  ▼

X  

AN4026 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4026
Description  using the L6563H and L6699
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4026 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4026 Datasheet HTML 32Page - STMicroelectronics AN4026 Datasheet HTML 33Page - STMicroelectronics AN4026 Datasheet HTML 34Page - STMicroelectronics AN4026 Datasheet HTML 35Page - STMicroelectronics AN4026 Datasheet HTML 36Page - STMicroelectronics AN4026 Datasheet HTML 37Page - STMicroelectronics AN4026 Datasheet HTML 38Page - STMicroelectronics AN4026 Datasheet HTML 39Page - STMicroelectronics AN4026 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Transformer specifications
AN4026
38/40
Doc ID 022603 Rev 1
9.4
Mechanical aspect and pin numbering
●
Maximum height from PCB: 30 mm
●
Coil former type: horizontal, 7+7 pins (pins #1 and 7 are removed)
●
Pin distance: 5.08 mm
●
Row distance: 25.4 mm
Figure 33.
Transformer overall drawing
Manufacturer
●
MAGNETICA - Italy
●
Transformer p/n: 1860.0076.
Table 6.
Transformer winding data
Pins
Winding
DC resistance
Number of turns
Wire type
2-4
Primary
422 m
Ω
61
20x
φ 0.1 mm – G1
13-12
SEC - A(1)
1.
Secondary windings A and B are in parallel.
8 m
Ω
660x
φ 0.1 mm – G1
10-9
SEC – B
8 m
Ω
660x
φ 0.1 mm – G1
5-6
AUX(2)
2.
Aux winding is wound on top of primary winding.
111 m
Ω
4
φ 0.28 mm – G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com