Electronic Components Datasheet Search
  English  ▼

X  

AN4092 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 7Page - STMicroelectronics AN4092 Datasheet HTML 8Page - STMicroelectronics AN4092 Datasheet HTML 9Page - STMicroelectronics AN4092 Datasheet HTML 10Page - STMicroelectronics AN4092 Datasheet HTML 11Page - STMicroelectronics AN4092 Datasheet HTML 12Page - STMicroelectronics AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
AN4092
Power Management Controller (PMC)
Doc ID 023080 Rev 2
11/38
1.1.6
Inrush current
Since big capacitors need to be charged, a large current can be required when the power is
turned on, to be more precise when the 1.2V regulator is switched on.
A soft-start circuitry is included in the 1.2V regulator but the ramp is only limited to 60-80us
(PVT variation), being ineffective for limiting the inrush current.
As already pointed out in the Section 1.1.4, the resistor on the collector may or may not be
required depending on the allowable power dissipation of the ballast transistor. However the
resistor on the collector can be also very useful in limiting the current necessary to charge
the capacitors during power on.
Creg
10uF
Depending on the 5V regulator impedance,
the required capacitor can go up to 100uF
Rc
1.1Ohm
5.6Ohm
May or may not be required. It depends on
the allowable power dissipation of T1
Re
0.18Ohm
0.2Ohm
0.22Ohm
+/-10% The required value can be obtained
by using more resistors in parallel
Table 1.
External network specification (continued)
External component
Min.
Typ.
Max.
Notes
Table 2.
Miscellaneous decoupling caps
Supply
Quantity
Value
Notes
VRC33
1
470nF - 2uF
Low ESR (<50mOhm)
VSTBY
1
10nF
To be grounded if the Stand-by feature is
not used.
VDDPLL
1
100nF
1
10nF
VDDEHx
4
100nF
Two pairs each side
4
1nF
VDDA
1
10uF
To be connected between VDDA and
VSSA
VRH
1
10nF
VRL
VSSA
REFBYPC
1
100nF
REFBYPC is not a supply. The external
bypass capacitor must be placed between
REFBYPC pin and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com