Electronic Components Datasheet Search
  English  ▼

X  

AN4092 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 30Page - STMicroelectronics AN4092 Datasheet HTML 31Page - STMicroelectronics AN4092 Datasheet HTML 32Page - STMicroelectronics AN4092 Datasheet HTML 33Page - STMicroelectronics AN4092 Datasheet HTML 34Page - STMicroelectronics AN4092 Datasheet HTML 35Page - STMicroelectronics AN4092 Datasheet HTML 36Page - STMicroelectronics AN4092 Datasheet HTML 37Page - STMicroelectronics AN4092 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Previous recommended PMC network configurations
AN4092
34/38
Doc ID 023080 Rev 2
Appendix A
Previous recommended PMC network
configurations
Figure 12 shows an old recommended configuration that was proven to be unstable in some
corner cases, especially with NJD2873.
Figure 12.
SPC563Mxx configuration/SPC564Axx configuration
However, when the ballast transistor in use is BCP68, this configuration is still safe to use
with SPC563Mxx. With a small modfification to the snubber network on the base (see
Figure 13), it is safe with NJD2873 too.
The configuration shown in Figure 12 must never be used in any SPC564Axx design.
Note:
Figure 12 is not present in last versions of Datasheet and Reference manual as it is
outdated (for further information see Section Appendix B: Further information).
MCU
Mandatory decoupling
capacitor network
VDDREG
VRCCTL
VDD
VSS
4
× 6.8 μF4 × 220 nF
680 nF
15
Ω
6.8-10
μF
1.1–5.6
Ω
10
μF
Resistor may or may not be
required. It depends on the
allowable power dissipation
of the npn bypass transistor
device.
Emitter and collector capacitors
(6.8
μF and 10 μF) should be
matched (same type) and ESR
should be lower than 200 m
Ω.
Notes:
1. The VRCCTL capacitor and resistor required.
2. The bypass transistor MUST be operated out of its saturation region.
GAPGRI00160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com