Electronic Components Datasheet Search
  English  ▼

X  

AN4092 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 12Page - STMicroelectronics AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics AN4092 Datasheet HTML 18Page - STMicroelectronics AN4092 Datasheet HTML 19Page - STMicroelectronics AN4092 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Power Management Controller (PMC)
AN4092
16/38
Doc ID 023080 Rev 2
1.5
Voltage fine tuning
The PMC_TRIMR (Trimming Register) enables the user to fine tune the voltage of the
regulators and the LVI thresholds.This register can be write protected by setting the
trimming lock bit in the PMC_MCR.
Caution:
Fine tuning may end-up in non-guaranteed operating conditions, please refer to the product
datasheet for the maximum operating conditions.
1.6
Stand-by RAM functionality
The SPC564Axx / SPC563Mxx include up to 192 KB of general-purpose SRAM. The first 32
KB of SRAM is powered by its own power supply pin during standby operation.
The Standby mode preserves contents of the standby portion of the memory when the 1.2 V
(VDD) power drops below the level of the standby power supply voltage. There are two
possible supplies for standby: 0.95-1.2 V directly from the VSTBY pin and 2 – 5.5 volts (also
on the VSTBY pin), which enables a standby regulator.
Updates to the standby portion of the SRAM are inhibited during system reset or during
Standby Mode.
1.6.1
SRAM Standby switch
The SRAM Standby Switch provides selection of standby power to the standby SRAM. The
switch selects between the core power supply VDD and an internal regulated voltage
generated from the VSTBY supply.
When VDD falls below 0.95V, the switching occurs and the RAM is on the standby supply. At
the same time, a power down signal is sent to the RAM to power it down to a safe mode
state.
h.
Refer to section 1.5: Voltage fine tuning
Table 3.
Fine tuning parameters
Parameter
Min. (V)
Default (V)
Max (V)
LVI 5V trimming
4.13
4.29
4.43
VREG 3.3V trimming
3.15
3.39
3.60
LVI 3.3V trimming
2.93
3.09
3.23
VREG1.2V trimming
1.12
1.28
1.42
LVI 1.2V trimming
1.0
1.16
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com