Electronic Components Datasheet Search
  English  ▼

X  

IRHM7064 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM7064
Description  TRANSISTOR N-CHANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7064 Datasheet(HTML) 3 Page - International Rectifier

  IRHM7064 Datasheet HTML 1Page - International Rectifier IRHM7064 Datasheet HTML 2Page - International Rectifier IRHM7064 Datasheet HTML 3Page - International Rectifier IRHM7064 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 2. High Dose Rate “
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min. Typ Max. Min. Typ. Max.
Units
Test Conditions
VDSS
Drain-to-Source Voltage
—
—
48
—
—
48
V
Applied drain-to-source voltage
during gamma-dot
IPP
—
140
—
—
140
—
A
Peak radiation induced photo-current
di/dt
—
800
—
—
160
—
A/µsec Rate of rise of photo-current
L1
0.1
—
—
0.8
—
—
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects ”
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typ.
Units
Ion
(MeV/mg/cm2)
(ions/cm2)(
µm)
(V)
(V)
BVDSS
60
V
Ni
28
1 x 105
~41
60
-5
Radiation Performance of Rad Hard HEXFETs
IRHM7064, IRHM8064 Devices
Radiation Characteristics
Table 1. Low Dose Rate ‘ ’
IRHM7064
IRHM8064
Parameter
100K Rads (Si) 1000K Rads (Si)
Units
Test Conditions •
min.
max.
min.
max.
BVDSS
Drain-to-Source Breakdown Voltage
100
—
100
—
V
VGS = 0V, ID = 1.0 mA
VGS(th)
GateThreshold Voltage 
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0 mA
IGSS
Gate-to-Source Leakage Forward
—
100
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
—
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
—
25
—
50
µAVDS = 0.8 x Max Rating, VGS = 0V
RDS(on)1
Static Drain-to-Source 
—
0.021
—
0.029
Ω
VGS = 12V, ID = 35A
On-State Resistance One
VSD
Diode Forward Voltage 
—
3.0
—
3.0
V
TC = 25°C, IS = 35A,VGS = 0V
International Rectifier Radiation Hardened HEX-FETs
are tested to verify their hardness capability. The hard-
ness assurance program at International Rectifier
uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of 12 volts per note 6 and a
VDSS bias condition equal to 80% of the device
rated voltage per note 7. Pre- and post-radiation
limits of the devices irradiated to 1 x 105 Rads (Si)
are identical and are presented in Table 1, column
1, IRHM7064. The values in Table 1 will be met for ei-
ther of the two low dose rate test circuits that are
used.
Both pre- and post-radiation performance are tested
and specified using the same drive circuitry and test
conditions in order to provide a direct comparison. It
should be noted that at a radiation level of 1 x 105
Rads (Si), no change in limits are specified in DC pa-
rameters.
High dose rate testing may be done on a special re-
quest basis, using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened HEXFETs
have been characterized in neutron and heavy ion
Single Event Effects (SEE) environments. Single
Event Effects characterization is shown in Table 3.
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com