Electronic Components Datasheet Search
  English  ▼

X  

IRHM7064 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7064
Description  TRANSISTOR N-CHANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7064 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7064 Datasheet HTML 1Page - International Rectifier IRHM7064 Datasheet HTML 2Page - International Rectifier IRHM7064 Datasheet HTML 3Page - International Rectifier IRHM7064 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHM7064
60V
0.021
Ω
35A*
IRHM8064
60V
0.021
Ω
35A*
Features:
s
Radiation Hardened up to 1 x 106 Rads (Si)
s
Single Event Burnout (SEB) Hardened
s
Single Event Gate Rupture (SEGR) Hardened
s
Gamma Dot (Flash X-Ray) Hardened
s
Neutron Tolerant
s
Identical Pre- and Post-Electrical Test Conditions
s
Repetitive Avalanche Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Electrically Isolated
s
Ceramic Eyelets
Absolute Maximum Ratings
Parameter
IRHM7064, IRHM8064
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
35*
ID @ VGS = 12V, TC = 100°C
Continuous Drain Current
35*
IDM
Pulsed Drain CurrentŒ
284
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single PulseAvalanche Energy
500
mJ
IAR
Avalanche CurrentŒ
35
A
EAR
RepetitiveAvalanche EnergyŒ
25
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
4.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
StorageTemperature Range
LeadTemperature
Weight
9.3 (typical)
g
N-CHANNEL
MEGA RAD HARD
Provisional Data Sheet No. PD-9.1564
60 Volt, 0.021
Ω
Ω
Ω
Ω
Ω, MEGA RAD HARD HEXFET
International Rectifier’s RAD HARD technology HEXFETs
demonstrate virtual immunity to SEE failure. Addition-
ally, under identical pre- and post-radiation test condi-
tions, International Rectifier’s RAD HARD HEXFETs
retainidentical electrical specifications up to 1 x 105 Rads
(Si) total dose. No compensation in gate drive circuitry is
required. These devices are also capable of surviving
transient ionization pulses as high as 1 x 1012 Rads (Si)/
Sec, and return to normal operation within a few micro-
seconds. Since the RAD HARD process utilizes Interna-
tional Rectifier’s patented HEXFET technology, the user
can expect the highest quality and reliability in the indus-
try.
RAD HARD HEXFET transistors also feature all of the well-
established advantages of MOSFETs, such as voltage con-
trol, very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high-energy pulse circuits
in space and weapons environments.
IRHM7064
IRHM8064
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
Pre-Radiation
Notes: See page 4
*Current is limited by pin diameter
oC
A
300 (0.063 in (1.6mm) from case for 10 sec.)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHM7064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
168Kb / 8P
Simple Drive Requirements
IRHM7064 IRF-IRHM7064_15 Datasheet
168Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHM7064

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N7002 HSMC-H2N7002 Datasheet
65Kb / 4P
N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHNA7064 IRF-IRHNA7064 Datasheet
130Kb / 4P
TRANSISTOR N-CHANNEL
IRHNA7160 IRF-IRHNA7160 Datasheet
161Kb / 4P
TRANSISTOR N-CHANNEL
IRHNA7260 IRF-IRHNA7260 Datasheet
161Kb / 4P
TRANSISTOR N-CHANNEL
RHN7150 IRF-RHN7150 Datasheet
516Kb / 14P
TRANSISTOR N-CHANNEL
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
HEXFET TRANSISTOR, N-CHANNEL
logo
Comchip Technology
2N7002 COMCHIP-2N7002 Datasheet
88Kb / 3P
N-CHANNEL TRANSISTOR
logo
Hi-Sincerity Mocroelect...
H2N7002K HSMC-H2N7002K Datasheet
142Kb / 5P
N-CHANNEL TRANSISTOR
H2N7002KSN HSMC-H2N7002KSN Datasheet
163Kb / 4P
N-CHANNEL TRANSISTOR
logo
Silan Microelectronics ...
SVF7N65T SILAN-SVF7N65T Datasheet
323Kb / 10P
N-channel transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com