Electronic Components Datasheet Search
  English  ▼

X  

IRHM7064 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM7064
Description  TRANSISTOR N-CHANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7064 Datasheet(HTML) 2 Page - International Rectifier

  IRHM7064 Datasheet HTML 1Page - International Rectifier IRHM7064 Datasheet HTML 2Page - International Rectifier IRHM7064 Datasheet HTML 3Page - International Rectifier IRHM7064 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.50
K/W
RthJ-PCB
Junction-to-PC board
—
—
48
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
35
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
—
—
284
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
—
—
3.0
V
Tj = 25°C, IS = 35A, VGS = 0V 
trr
Reverse RecoveryTime
—
—
220
ns
Tj = 25°C, IF = 35A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
—
—
1.1
µCVDD ≤ 50V 
ton
Forward Turn-OnTime
Intrinsic turn-on time is negligible.Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
—
—
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.048
—
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
—
—
0.021
VGS = 12V, ID = 35A
On-State Resistance
Ω
VGS(th)
GateThreshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0 mA
gfs
Forward Transconductance
18
—
—
S ( )VDS > 15V, IDS = 35A 
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS = 0.8 x Max Rating,VGS = 0V
—
—
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
260
VGS =12V, ID = 35A
Qgs
Gate-to-Source Charge
—
—
60
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
—
—
86
td(on)
Turn-On DelayTime
—
—
27
VDD = 30V, ID = 35A,
tr
Rise Time
—
—
120
RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
76
tf
Fall Time
—
—
93
LD
Internal Drain Inductance
—
8.7
—
LS
Internal Source Inductance
—
8.7
—
Ciss
Input Capacitance
—
7400
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
3200
—
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
—
540
—
IRHM7064, IRHM8064 Devices
Pre-Radiation
µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
RthCS
Case-to-Sink
—
0.21
—
typical socket mount
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com