Electronic Components Datasheet Search
  English  ▼

X  

AN4189 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4189 Datasheet HTML 12Page - STMicroelectronics AN4189 Datasheet HTML 13Page - STMicroelectronics AN4189 Datasheet HTML 14Page - STMicroelectronics AN4189 Datasheet HTML 15Page - STMicroelectronics AN4189 Datasheet HTML 16Page - STMicroelectronics AN4189 Datasheet HTML 17Page - STMicroelectronics AN4189 Datasheet HTML 18Page - STMicroelectronics AN4189 Datasheet HTML 19Page - STMicroelectronics AN4189 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Design guidelines for PCB schematic and layout
AN4189
16/23
Doc ID 023809 Rev 1
Consider the ground layout. To avoid interference between power and small signal,
grounding for the different ground planes must be separated as shown below.
Figure 21.
Ground layout
Figure 22.
Thermal layout with large ground, top and bottom layers
The thermal resistance junction-to-ambient (at the bottom of the STA335ML) obtainable with
a ground copper area of 4 x 4 cm and 35 via holes is shown in Figure 23.
Figure 23.
Thermal layout with large ground, thermal and soldering holes
Power ground plane
Channel ground plane
Thermal layout on top layer
Thermal layout on bottom layer
35 via holes
φ: 1.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com