Electronic Components Datasheet Search
  English  ▼

X  

AN4189 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4189 Datasheet HTML 14Page - STMicroelectronics AN4189 Datasheet HTML 15Page - STMicroelectronics AN4189 Datasheet HTML 16Page - STMicroelectronics AN4189 Datasheet HTML 17Page - STMicroelectronics AN4189 Datasheet HTML 18Page - STMicroelectronics AN4189 Datasheet HTML 19Page - STMicroelectronics AN4189 Datasheet HTML 20Page - STMicroelectronics AN4189 Datasheet HTML 21Page - STMicroelectronics AN4189 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Design guidelines for PCB schematic and layout
AN4189
18/23
Doc ID 023809 Rev 1
The system is working on PWM with a fast switching frequency of about 340 kHz which
causes the long copper wire to behave as a coil. To avoid this we recommend using the
ceramic capacitor to balance reactance. The ceramic capacitor must be placed as close as
possible, within 5 mm, to the related pins in order to minimize the inductive coil generated by
the copper wire.
Figure 26.
VCC filter for high frequency
Solder decoupling capacitors as close as possible to their respective IC pins in order to
reduce the inductive coil (copper wire).
Figure 27.
Good and bad examples of amplifier bypassing
Place Vcc filter capacitors as close as possible to the related
pins, the ceramic capacitors on the bottom of the PCB
near the IC due to SMD mounting limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com