Electronic Components Datasheet Search
  English  ▼

X  

AN4200 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4200
Description  Four-layer demonstration board based on the STA333IS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4200 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4200 Datasheet HTML 6Page - STMicroelectronics AN4200 Datasheet HTML 7Page - STMicroelectronics AN4200 Datasheet HTML 8Page - STMicroelectronics AN4200 Datasheet HTML 9Page - STMicroelectronics AN4200 Datasheet HTML 10Page - STMicroelectronics AN4200 Datasheet HTML 11Page - STMicroelectronics AN4200 Datasheet HTML 12Page - STMicroelectronics AN4200 Datasheet HTML 13Page - STMicroelectronics AN4200 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Test results
AN4200
10/20
DocID023918 Rev 1
4
Test results
Figure 8. THD+N vs. power - VCC = 12.5 V, load = 8 , 1 kHz
Figure 9. THD+N vs. frequency - VCC = 12.5 V, load = 8 , Pout = 1 W at 1 kHz
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.THD+N Ratio
Left
Ch1; Vcc= 12.5V, 1kHz, 8ohm
1
3
Blue
Solid
2
Anlr.THD+N Ratio
Left
Ch2; Vcc= 12.5V, 1kHz, 8ohm
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
20
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
W
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Red
Solid
2
Anlr.THD+N Ratio
Left
Ch1; Vcc= 12.5V, 1W@1kHz, 8ohm
1
2
Blue
Solid
2
Anlr.THD+N Ratio
Left
Ch2; Vcc= 12.5V, 1W@1kHz, 8ohm
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com