Electronic Components Datasheet Search
  English  ▼

X  

AN4200 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4200
Description  Four-layer demonstration board based on the STA333IS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4200 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4200 Datasheet HTML 10Page - STMicroelectronics AN4200 Datasheet HTML 11Page - STMicroelectronics AN4200 Datasheet HTML 12Page - STMicroelectronics AN4200 Datasheet HTML 13Page - STMicroelectronics AN4200 Datasheet HTML 14Page - STMicroelectronics AN4200 Datasheet HTML 15Page - STMicroelectronics AN4200 Datasheet HTML 16Page - STMicroelectronics AN4200 Datasheet HTML 17Page - STMicroelectronics AN4200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Thermal test - VCC = 12.5 V, 1 kHz, load= 8 W (stereo)
AN4200
14/20
DocID023918 Rev 1
5
Thermal test - VCC = 12.5 V, 1 kHz, load= 8  (stereo)
5.1
Test conditions
VCC =12.5 VDC
Load= 8
 (resistive dummy load)
Gain= +3 dB (both L&R channels)
All channels ON
AP filter= 22 Hz ÷ 22 kHz
Output power: 2 x 10 W (adj. using post-scale)
Tamb = 31 °C
5.2
Test results
Tmax = 88.6 °C
Tamb = 31 °C
T = 57.6 °C
Figure 15. Thermal analysis - VCC = 12.5 V - 2 x 10 W at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com