Electronic Components Datasheet Search
  English  ▼

X  

AN4475 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 7Page - STMicroelectronics AN4475 Datasheet HTML 8Page - STMicroelectronics AN4475 Datasheet HTML 9Page - STMicroelectronics AN4475 Datasheet HTML 10Page - STMicroelectronics AN4475 Datasheet HTML 11Page - STMicroelectronics AN4475 Datasheet HTML 12Page - STMicroelectronics AN4475 Datasheet HTML 13Page - STMicroelectronics AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Functional safety requirements for application software
AN4475
12/27
DocID026216 Rev 1
requirements as described in the Preface. Each pad not dedicated to a specific function can
be configured as GPIO with the exception of ADC pads, as they can only be configured as
GPIs. SIU pads can be configured via the relevant pad configuration registers (PCRn).
Single write digital output with read-back
Implementation hint: SIU pads are used to perform a single write digital output with read-
back. The read-back is done using the external configuration or the internal. SIU pads are
configured as follows (see also Figure 1):
•
External read-back: one SIU pad is configured to allow read-back of the output write on
the selected SIU pad and the loop-back is done with an external connection outside the
device. Using this configuration, external pins are used. In case of External read-back,
the two selected pads are not be physically adjacent;
•
Internal read-back(c): one SIU pad is configured to allow read-back of the output write
on the selected SIU pad via an internal read path. Using this configuration, a single
external pin is used.
Double Write Digital Outputs
Implementation hint: SIU pads are used to perform a double write digital output. SIU pads
are correctly configured and the output write of the selected channels are implemented
following these guidelines:
•
The two outputs are written with a single instruction to the appropriate register;
•
The output register is read-back(d).
The two selected pads are not be physically adjacent to minimize CCFs. Each pad not
dedicated to a specific function can be configured as GPIO with the exception of ADC pads,
as they can only be configured as GPIs. SIU pads can be configured via the relevant pad
configuration registers (PCRn).To write two (or more) GPIOs with a single write instruction,
the Parallel GPIO Pad Data Out (PGPDOx) register can be used. User has to take care that
the two selected GPIOs are controlled by the same PGPDOx register. To protect the value
of the other GPIOs that belong to the same PGPDOx register, the Masked Parallel GPIO
Pad Data Out (MPGPDOx) register is properly configured before writing the PGPDOx
register.
2.9.4
Write PWM outputs
Suggested: [covers: SW_WRT_PWM_OUTPUT] some PWM outputs are written either
redundantly or with read-back. Write PWM output operation can be implemented as single
write PWM output with read-back or double write PWM output. [end]
Rationale: to verify that the two sets of data match.
c.
Internal read back does not cover package faults (e.g. wire bond). Refer to the specific reference manual to
verify the availability of the internal read path.
d.
This is not strictly requested. The SPC563Mxx can demand to an external device to check the integrity of the
PWM generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com