Electronic Components Datasheet Search
  English  ▼

X  

AN4475 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 12Page - STMicroelectronics AN4475 Datasheet HTML 13Page - STMicroelectronics AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics AN4475 Datasheet HTML 17Page - STMicroelectronics AN4475 Datasheet HTML 18Page - STMicroelectronics AN4475 Datasheet HTML 19Page - STMicroelectronics AN4475 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DocID026216 Rev 1
17/27
AN4475
Functional safety requirements for application software
26
confirms the correctness of LVI circuits operation. Then, the correct value of the
PMC_TRIMR register can be restored.
Suggested: [covers: SW_POR_SELF_TEST] correct execution of Power-On Reset
sequence is checked. These specific software countermeasures can run once after the
Power-On Reset (POR) before the safety function starts. [end]
Implementation hint: e.g. reserved RAM is used to store a key which can be used if the
current reset is a POR or not according to the POR bit in the ECSM_MRSR register.
Moreover the default reset value of the registers of each IP can be checked.
2.16
Error Correction Status Module (ECSM)
The ECSM reports ECC/EDC failures affecting both volatile and non-volatile memories. The
ECSM reports detection/correction of single-bit errors and detection of double-bit ones.
ECC functionality concerns data and not the addresses. ECC is automatically calculated on
memory write accesses and is checked while read accesses are executed on memory.
Suggested: to enable ECC reporting logic in the ECSM in order to provide an optional
managing failures interrupt mechanism. In addition to the interrupt generation, the ECSM
reports specific information about the failure (memory address, attributes and data, bus
master number, etc.) which can be useful for subsequent management of the failure.
Rationale: to manage failures.
Suggested: [covers: SW_ECSM_SELF_TEST] specific software countermeasures are
implemented to detect ECSM permanent faults. These specific software countermeasures
can run once after the Power-On Reset (POR) before the safety function starts. [end]
2.17
Periodic Interrupt Timer (PIT_RTI)
Suggested: [covers: SW_PIT_APPLICATION] Specific software countermeasures are
implemented to detect PIT transient and permanent faults. These specific software
countermeasures can run once after the Power-On Reset (POR) before the safety function
starts and/or once per FTTI. [end]
Rationale: to detect possible PIT failures.
Implementation hint: Test implementation is application-dependent. In general PIT module
is used in such a way that a possible failure is detected by the SWT module (or other
means).
2.18
System Timer Module (STM)
Suggested: [covers: SW_STM_APPLICATION] Specific software countermeasures is
implemented to detect STM transient and permanent faults. These specific software
countermeasures can run once after the Power-On Reset (POR) before running the SIF
and/or once per FTTI. [end]
Rationale: to detect possible STM failures.
Implementation hint: Test implementation is application-dependent. In general STM is
used in such a way that a possible failure is detected by the SWT module (or other means).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com