Electronic Components Datasheet Search
  English  ▼

X  

IRKD600 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKD600
Description  SUPER MAGN-A-PAK??Power Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD600 Datasheet(HTML) 3 Page - International Rectifier

  IRKD600 Datasheet HTML 1Page - International Rectifier IRKD600 Datasheet HTML 2Page - International Rectifier IRKD600 Datasheet HTML 3Page - International Rectifier IRKD600 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IRKD600.. Series
3
Parameter
IRKD600..
Units Conditions
Thermal and Mechanical Specifications
T
J
Max. junction operating temperature range
- 40 to 150
°C
Tstg
Max. storage temperature range
- 40 to 150
RthJC
Max. thermal resistance, junction to
0.065
K/W
Per junction, DC operation
case
RthC-hs Max. thermal resistance, case to
0.02
K/W
heatsink
T
Mounting torque ± 10%SMAP to heatsink
6 - 8
Nm
busbar to SMAP
12 - 15
wt
Approximate weight
1500
g
Case style
Super Magn-a-Pak
See outline table
IRK
D
600
-
20
1
2
3
1
-
Module type
2
-
Circuit configuration D = 2 diodes in series
3
-
Current rating
4
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings Table)
4
Device Code
Ordering Information Table
∆R
thJC Conduction
(The following table shows the increment of thermal resistance R
thJC
when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction Rectangular conduction
Units
Conditions
180°
0.009
0.006
120°
0.011
0.011
90°
0.014
0.015
K/W
T
J
= T
J
max.
60°
0.021
0.022
30°
0.037
0.038
+
-
~
1
2
3
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com