Electronic Components Datasheet Search
  English  ▼

X  

IRKD600 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKD600
Description  SUPER MAGN-A-PAK??Power Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD600 Datasheet(HTML) 2 Page - International Rectifier

  IRKD600 Datasheet HTML 1Page - International Rectifier IRKD600 Datasheet HTML 2Page - International Rectifier IRKD600 Datasheet HTML 3Page - International Rectifier IRKD600 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IRKD600.. Series
2
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
max.
VV
mA
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
IRKD600..
50
I
F(AV)
Maximum average forward current
600
A
180° conduction, half sine wave
@ Case temperature
82
°C
I
F(RMS)
Maximum RMS forward current
1120
A
180° conduction, half sine wave @ T
C
= 82°C
I
FSM
Maximum peak, one-cycle forward,
19.0
KA
t = 10ms
No voltage
non-repetitive surge current
20.1
t = 8.3ms
reapplied
16.2
t = 10ms
100% V
RRM
17.2
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
1805
KA2s
t = 10ms
No voltage
Initial T
J
= T
J
max.
1683
t = 8.3ms
reapplied
1319
t = 10ms
100% V
RRM
1230
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
18050
KA2
√s t = 0.1 to 10ms, no voltage reapplied
VF(TO)1 Low level value of threshold voltage
0.70
V
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
VF(TO)2 High level value of threshold voltage
0.77
(I >
π x I
F(AV)), TJ = TJ max.
rf1
Low level value of forward slope resistance
0.28
m
Ω
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
rf2
High level value of forward slope resistance
0.25
(I >
π x I
F(AV)), TJ = TJ max.
V
FM
Maximum forward voltage drop
1.24
V
I
pk
= 1800A, T
J
= 25°C, t
p
= 10ms sine pulse
Parameter
IRKD600..
Units Conditions
Forward Conduction
V
INS
RMS isolation voltage
3000
V
t = 1 s
I
RRM
Maximum peak reverse and off-state
50
mA
T
J
= T
J
max., rated V
RRM
applied
leakage current
Parameter
IRKD600..
Units Conditions
Blocking
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com