Electronic Components Datasheet Search
  English  ▼

X  

IRKD600 Datasheet(PDF) 1 Page - International Rectifier

Part # IRKD600
Description  SUPER MAGN-A-PAK??Power Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD600 Datasheet(HTML) 1 Page - International Rectifier

  IRKD600 Datasheet HTML 1Page - International Rectifier IRKD600 Datasheet HTML 2Page - International Rectifier IRKD600 Datasheet HTML 3Page - International Rectifier IRKD600 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
600 A
STANDARD DIODES
Bulletin I27402
1
IRKD600.. SERIES
SUPER MAGN-A-PAKTM Power Modules
Major Ratings and Characteristics
Parameters
IRKD600..
Units
I
F(AV)
600
A
@ T
C
82
°C
I
F(RMS)
1120
A
@ T
C
82
°C
I
FSM
@ 50Hz
19.0
KA
@ 60Hz
20.1
KA
I
2t
@ 50Hz
1805
KA
2s
@ 60Hz
1683
KA
2s
I
2√t
18050
KA
2√s
V
RRM
range
800 to 2000
V
T
STG
range
- 40 to 150
°C
T
J
range
- 40 to 150
°C
Features
High current capability
3000 V
RMS
isolating voltage with non-toxic substrate
High surge capability
High voltage ratings up to 2000V
Industrial standard package
UL recognition pending
Typical Applications
Rectifying bridge for large motor drives
Rectifying bridge for large UPS
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRKD600

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD600 IRF-IRKD600 Datasheet
110Kb / 7P
STANDARD DIODES SUPER MAGM-A-part??Power Modules
logo
Vishay Siliconix
IRKD600-08 VISHAY-IRKD600-08 Datasheet
255Kb / 9P
Standard Diodes
29-Apr-15
IRKD600-12 VISHAY-IRKD600-12 Datasheet
255Kb / 9P
Standard Diodes
29-Apr-15
logo
International Rectifier
IRKD600-20 IRF-IRKD600-20 Datasheet
110Kb / 7P
STANDARD DIODES SUPER MAGM-A-part??Power Modules
IRKD600 IRF-IRKD600_06 Datasheet
110Kb / 7P
STANDARD DIODES SUPER MAGM-A-part??Power Modules
More results

Similar Description - IRKD600

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
SUPER MAGN-A-PAK??Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
SUPER MAGN-A-PAK Power Modules
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
SUPER MAGN-A-pak Power Modules
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
MAGN-A-pak Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
SUPER MAGN-A-pak-TM Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
MAGN-A-pak??Power Modules
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com