Electronic Components Datasheet Search
  English  ▼

X  

AN1702 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1702
Description  ST485EB for e-meter applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1702 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1702 Datasheet HTML 2Page - STMicroelectronics AN1702 Datasheet HTML 3Page - STMicroelectronics AN1702 Datasheet HTML 4Page - STMicroelectronics AN1702 Datasheet HTML 5Page - STMicroelectronics AN1702 Datasheet HTML 6Page - STMicroelectronics AN1702 Datasheet HTML 7Page - STMicroelectronics AN1702 Datasheet HTML 8Page - STMicroelectronics AN1702 Datasheet HTML 9Page - STMicroelectronics AN1702 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Bus lengths
AN1702
6/11
4
Bus lengths
The signal quality is evidently affected when the length of the bus increases. The most
significant factor is the attenuation of the high frequency components of the signal. This
produces slackening of the rising and falling edge of the signal as well as jitter and inter-
symbol interference. All these factors must be taken into account when considering the
cable length and signaling rate. Most e-meter applications require signaling rates below
250 kbit/s. With these rates, the signal degradation is less evident for cable lengths up to 1
km. The ST485EB is suitable for these signaling rates. Its driver outputs have a slew rate
limitation, which reduces EMI and signal reflections on the line, allowing very low signal
degradation over long distances.
5
Network isolation
Due to the long distance covered by the network, many factors such as ground loops,
external noise, spikes, electrical storms, or common-mode voltages exceeding the
maximum voltage range (-7 V to+12 V), can bother or, in some cases, damage the
equipment connected to the TTL side of each transceiver (see Figure 3).
Figure 3.
Dangerous ground shifts in a common situation
In order to avoid this, it is advisable to electrically isolate the equipment from the bus. In
Figure 4 an example is shown of isolated transceivers, requiring the use of optocouplers at
any single-ended (TTL input/output) terminal. Note that two isolated power supplies are
used: one for the transceivers and the related sides of the optocouplers connected to them
(VBUS), the other one for the equipment and the other sides of the optocouplers (VTTL).
These two supplies should be isolated from each other, and derived from different power
generators or transformer windings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com