Electronic Components Datasheet Search
  English  ▼

X  

AN1702 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1702
Description  ST485EB for e-meter applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1702 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1702 Datasheet HTML 1Page - STMicroelectronics AN1702 Datasheet HTML 2Page - STMicroelectronics AN1702 Datasheet HTML 3Page - STMicroelectronics AN1702 Datasheet HTML 4Page - STMicroelectronics AN1702 Datasheet HTML 5Page - STMicroelectronics AN1702 Datasheet HTML 6Page - STMicroelectronics AN1702 Datasheet HTML 7Page - STMicroelectronics AN1702 Datasheet HTML 8Page - STMicroelectronics AN1702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RS-485 interfaces
AN1702
4/11
1
RS-485 interfaces
With RS-485 two kinds of communication lines can be built: half or full duplex. A full duplex
line requires four wires, and each node can simultaneously send data on two wires, while
receiving from the other pair of wires. A half duplex line uses only one pair of wires for both
sending and receiving, and in this case only one node at any one time can send data on the
line (see Figure 1 and Figure 2). This means that two or more nodes, sending
contemporaneously data to the bus, cause errors in data transmission. It is the application
engineer’s responsibility to choose the proper network management method in order to
avoid this problem. This choice may be constrained by the need to use a pre-defined
protocol on the network, or by the limitation of the calculated power of the network controller.
Figure 1.
RS-485 half-duplex network
Figure 2.
RS-485 full-duplex network



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com