Electronic Components Datasheet Search
  English  ▼

X  

AN1702 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1702
Description  ST485EB for e-meter applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1702 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1702 Datasheet HTML 3Page - STMicroelectronics AN1702 Datasheet HTML 4Page - STMicroelectronics AN1702 Datasheet HTML 5Page - STMicroelectronics AN1702 Datasheet HTML 6Page - STMicroelectronics AN1702 Datasheet HTML 7Page - STMicroelectronics AN1702 Datasheet HTML 8Page - STMicroelectronics AN1702 Datasheet HTML 9Page - STMicroelectronics AN1702 Datasheet HTML 10Page - STMicroelectronics AN1702 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Fail-safe biasing
AN1702
8/11
6
Fail-safe biasing
In an RS-485 network, a driver is always active on the line. Therefore, each receiver has
differential input voltages, which exceed the 200 mV minimum threshold voltage, ensuring a
known logic state at its output. When a receiver is disconnected from the bus (receiver
inputs floating), its output assumes an undetermined logic state. The ST485EB has an
internal fail-safe feature, which avoids this problem. A weak internal biasing ensures a
receiver differential voltage higher than 200 mV, and therefore a valid logic state at its output
under floating inputs conditions.
A different situation occurs when there are no active drivers on the network (idle-bus). In this
case, the receivers are connected to the bus and to the termination resistors. The
termination resistors decrease the differential voltage near 0 V, and the internal fail-safe is
not able to ensure a proper voltage level.
Some transmission protocol (for example the UART protocol) requires a high logic state of
the bus when in idle state. In order to solve this problem, two biasing resistors should be
applied to the two line wires, giving a proper biasing of the line (see also the application note
"fail-safe biasing for ST485"). In a terminated bus with a 120
Ω termination resistor at each
end, the equivalent resistance is 60
Ω (120 Ω/120 Ω). In order to produce a differential
voltage at its leads higher than 200 mV, a current of 4 mA should flow into it. In order to
guarantee this current without unmatching the characteristic impedance of the line,
500/600
Ω resistors should be used (see Figure 5).
Figure 5.
External fail-safe and line DC termination
The external fail-safe circuitry should be placed at one end of the bus or at each end of it,
using, in this case, twice the value calculated for one biasing circuit (1 K/1.2 K
Ω) and, of
course, it should not be disconnected for any reason.
The external fail-safe circuitry draws current; therefore it loads the driver outputs. This extra
load should be taken in account defining the maximum number of transceivers allowed on
the bus. The equivalent load of the fail-safe circuitry, seen by the active driver is, for
Ra = Rc = 500
Ω, 24UL. Since the maximum allowed on the bus is 32UL, the available unit
loads should be 32UL - 24UL = 8UL. Using the ST485EB (1/8UL per transceiver) the
maximum number of transceivers should be: 8UL / (1/8UL per transceiver) = 64
transceivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com