Electronic Components Datasheet Search
  English  ▼

X  

UM1524 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 8Page - STMicroelectronics UM1524 Datasheet HTML 9Page - STMicroelectronics UM1524 Datasheet HTML 10Page - STMicroelectronics UM1524 Datasheet HTML 11Page - STMicroelectronics UM1524 Datasheet HTML 12Page - STMicroelectronics UM1524 Datasheet HTML 13Page - STMicroelectronics UM1524 Datasheet HTML 14Page - STMicroelectronics UM1524 Datasheet HTML 15Page - STMicroelectronics UM1524 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Hardware details
UM1524
12/35
Doc ID 022901 Rev 1
5
Hardware details
5.1
Metering IC U1
The programmable single-phase energy metering IC STPM10BTR (Package: TSSOP20) is
interfaced to the microcontroller using a 3-wire SPI interface. Active energy, apparent
energy, instantaneous voltage, and instantaneous current values are obtained from the
STPM10 metering IC. For calibration of the STPM10, auto-calibration is implemented.
5.1.1
Clocking Y1
A 4.194MHz crystal is used as the clock generator input for the metering IC.
For more details about auto-calibration, please refer to Section 6.1: Auto-calibration mode.
5.2
Microcontroller U2
The microcontroller STM8l152C6T6 (Package: LQFP48, 32K Flash, 2KB RAM, 48-pin) is
responsible for all the data management and power management tasks. MCU consumes
very low power and has built-in RTC for date and time management.
5.2.1
LED D10
LED D10 is the pulse-out LED for cumulative energy. This is used for testing energy meter
energy calculation accuracy.
5.2.2
Switch SW1, SW2
Switch SW1 is the reset switch for the microcontroller.
Switch SW2 is the case tamper switch. This is used to detect case tampering of the energy
meter solution.
For more details, refer to Section 6.4: LCD display modes.
5.2.3
Jumper J2
5.2.4
Clocking Y2
A 32.768 kHz crystal is used as clock input for LSE (low speed external) for the
microcontroller RTC block. The microcontroller core is clocked by a HSI (high speed
internal) clock.
Table 1.
3-pin jumper header
Jumper
Close : 1-2
Close : 2- 3
Default
J2
Microcontroller pin PA1
is connected to reset
switch SW1.
Microcontroller pin PA1
is connected to LED
D10.
Close : 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com