Electronic Components Datasheet Search
  English  ▼

X  

UM1524 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 26Page - STMicroelectronics UM1524 Datasheet HTML 27Page - STMicroelectronics UM1524 Datasheet HTML 28Page - STMicroelectronics UM1524 Datasheet HTML 29Page - STMicroelectronics UM1524 Datasheet HTML 30Page - STMicroelectronics UM1524 Datasheet HTML 31Page - STMicroelectronics UM1524 Datasheet HTML 32Page - STMicroelectronics UM1524 Datasheet HTML 33Page - STMicroelectronics UM1524 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Capacitors
C1,C3,C4,C20
,C23,C27
1 µF
SMD0805
Any
C2,C29
1 nF
SMD0805
Any
C5,C14,C15,C
17,C21,C22,C
24,C28,C31
100 nF
SMD0805
Any
C6,C8
15 pF
SMD0805
Any
C7,C10
10 nF
SMD0805
Any
C9,C11
12 pF
SMD0805
Any
C12
4.7 µF
SMD1206
Any
C16,C30
4.7 µF
Tantulum SMD
EIA 3216-18/Size
A
Any
C13
22 nF
SMD0805
Any
C18
200 nF/630 V
Leaded
Vishay/BC
Components
BFC2 383 20204
Digi-Key
BC1857-ND
C19
220 µF/16 V
Leaded
Panasonic - ECG
EEU-FC1C221
Digi-Key
P11199-ND
C25
1 nF/500 V
Leaded
Vishay/BC
Components
D102K25Y5PL63L6
R
Digi-Key
1457PH-ND
C26
100 µF/50 V
Leaded
Panasonic - ECG
ECE-A1HN101U
Digi-Key
P1284-ND
C32
6.8 µF/16 V
Leaded
Panasonic - ECG
ECE-A1CKG6R8
Digi-Key
P909-ND
C33
470 µF/35 V
Leaded
Nichicon
UVR1V471MPD
Digi-Key
493-1084-ND
C34
47 µF/50 V
Leaded
Panasonic - ECG
ECA-1HM470
Digi-Key
P5181-ND
C35
1000 µF/16 V
Leaded
Panasonic - ECG
ECA-1CM102
Digi-Key
P5142-ND
Resistors
R1,R13,R32,R
36,R37
10 k
Ω
SMD0805
Any
Table 13.
BOM list (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com