Electronic Components Datasheet Search
  English  ▼

X  

UM1524 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 13Page - STMicroelectronics UM1524 Datasheet HTML 14Page - STMicroelectronics UM1524 Datasheet HTML 15Page - STMicroelectronics UM1524 Datasheet HTML 16Page - STMicroelectronics UM1524 Datasheet HTML 17Page - STMicroelectronics UM1524 Datasheet HTML 18Page - STMicroelectronics UM1524 Datasheet HTML 19Page - STMicroelectronics UM1524 Datasheet HTML 20Page - STMicroelectronics UM1524 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
UM1524
Single-phase energy meter features
Doc ID 022901 Rev 1
17/35
6.2
EEPROM data log
Total EPROM data log size: 920 bytes.
Multiple parameters are stored in EEPROM, as below:
●
The following metering parameters are logged in EEPROM memory for the current
month and last six months.
–
Cumulative energy (CE) till last month
–
Maximum demand (MD)
–
Cumulative energy (CE) consumed in current month
–
Average PF and averaging count
–
Tamper entries
Four types of tamper data storage are done: earth, reverse, neutral, case tamper.
For each type of tamper, the number of tamper entries per month is four.
●
Two duplicate entries of cumulative energy are stored with CRC-8 value for error
detection.
●
10 bytes stored for calibration data @ start of EEPROM including 3 bytes of CHV, CHP,
and CHS.
●
Last power-down date and time log
●
Overflow count for cumulative energy
–
Number of times cumulative energy overflows from 99999.9 (maximum display
precision).
For more details, refer to Appendix A.
6.3
Power management
The STEVAL-IPE012V2 demonstration board is designed with board power consumption 4
VA.
The board supports two modes of operation:
●
Meter run mode
●
Meter low-power mode.
6.3.1
Meter run mode
When mains power is on, the board operates in run mode. The board components are
powered using capacitive supply using the main power line as the source. In this mode,
rechargeable battery is in charging mode based on trickle charging technique.
6.3.2
Meter low-power mode
When mains power goes down, the onboard microcontroller enters halt mode and metering
IC is off. In this mode, the microcontroller RTC is running and other peripherals are off. In
halt mode, the microcontroller is powered using BT1.
Therefore, pushbutton SW3 is pressed in low-power mode; BT2 supply connects to supply
input of the microcontroller and IRDA section. Therefore, in a button pressed condition, BT2
is the main supply source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com