| Electronic Components Datasheet Search |
|
UM1620 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 41 page ![]() API specification UM1620 16/41 DocID024388 Rev 3 Return values Troubleshooting Size Size, in bytes, of the Flash region to be programmed. If size = 0, C90FL_OK is returned. It should be multiple of 8 and its combination with dest should fall in either main array or shadow row. source Source program buffer address. This address must reside on word boundary. CallBack Address of void call back function pointer. Any addressable void function address. To disable it use NULL_CALLBACK macro. Table 16. Return values for FlashProgram() Type Description Possible values UINT32 Successful completion or error value. C90FL_OK C90FL_ERROR_BUSY C90FL_ERROR_ALIGNMENT C90FL_ERROR_RANGE C90FL_ERROR_PGOOD Table 17. Troubleshooting for FlashProgram() Returned error bits Description Solution C90FL_ERROR_BUSY New program operation cannot be performed because the Flash module is busy with some operation and cannot meet the condition for starting a program operation. Wait until the current operations finish. Conditions that program cannot start are: 1. program in progress (MCR-PGM high); 2. program not in progress (MCR-PGM low), but: – erase in progress but not suspended; – erase on main array is suspended but program is targeted to shadow row; – erase on shadow row is suspended. C90FL_ERROR_ALIGNMENT This error indicates that dest/size/source isn’t properly aligned Check if dest and size are aligned on double word (64-bit) boundary. Check if source is aligned on word boundary. C90FL_ERROR_RANGE The area specified by dest and size is out of the valid C90FL address range. Check dest and dest+size. Both should fall in the same C90FL address ranges, i.e. both in main array or both in shadow row C90FL_ERROR_PGOOD Program operation failed because this operation cannot pass PEG check. Repeat the program operation. Check if the C90FL is invalid or high voltage applied to C90FL is unsuitable. Table 15. Arguments for FlashProgram() (continued) Argument Description Range |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |