Electronic Components Datasheet Search
  English  ▼

X  

UM1620 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1620
Description  Standard software driver for C90FL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1620 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1620 Datasheet HTML 13Page - STMicroelectronics UM1620 Datasheet HTML 14Page - STMicroelectronics UM1620 Datasheet HTML 15Page - STMicroelectronics UM1620 Datasheet HTML 16Page - STMicroelectronics UM1620 Datasheet HTML 17Page - STMicroelectronics UM1620 Datasheet HTML 18Page - STMicroelectronics UM1620 Datasheet HTML 19Page - STMicroelectronics UM1620 Datasheet HTML 20Page - STMicroelectronics UM1620 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DocID024388 Rev 3
17/41
UM1620
API specification
Comments
If the selected main array blocks or the shadow row is locked for programming, those blocks
or the shadow row are not programmed, and ‘FlashProgram()’ still returns C90FL_OK. User
needs to verify the programmed data with ‘ProgramVerify()’ function.
It is impossible to program any Flash block or shadow row when a program or erase
operation is already in progress on C90FL module. ‘FlashProgram()’ returns
C90FL_ERROR_BUSY when doing so. However, user can use the ‘FlashSuspend()’
function to suspend an on-going erase operation on one block to perform a program
operation on another block. The user has begun an erase operation on the main array or
shadow row, it may be suspended to program on both main array and shadow row.
It is unsafe to read the data from the Flash partitions having one or more blocks being
programmed when ‘FlashProgram()’ is running. Otherwise, it causes a Read-While-Write
error.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit()’ API.
2.6.5
ProgramVerify()
Description
This function checks if a programmed Flash range matches the corresponding source data
buffer. In case of mismatch, the failed address, destination value and source value are
saved and relevant error code is returned.
Prototype
UINT32 ProgramVerify (PSSD_CONFIG pSSDConfig,
UINT32 dest,
UINT32 size,
UINT32 source,
UINT32 *pFailAddress,
UINT64 *pFailData,
UINT64 *pFailSource,
void (*CallBack)(void));
Arguments
Table 18. Arguments for ProgramVerify()
Argument
Description
Range
pSSDConfig
Pointer to the SSD
Configuration Structure.
The values in this structure are chip-dependent.
Please refer to Section 2.3 for more details.
Dest
Destination address to be
verified in Flash memory.
Any accessible address aligned on double word
boundary in main array or shadow row.
Size
Size, in byte, of the Flash
region to verify.
If size = 0, C90FL_OK is returned. Its combination
with dest should fall within either main array or
shadow row.
Source
Verify source buffer address. This address must reside on word boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com