| Electronic Components Datasheet Search |
|
UM1620 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 41 page ![]() API specification UM1620 34/41 DocID024388 Rev 3 Comments The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped arguments that are used to select the blocks to be evaluated in the Low/Mid/High address spaces of main array. The selection of the blocks of the main array is determined by setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or highEnabledBlocks. The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to block 1, etc. The following diagrams show the formats of lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks for the C90FL module. For low address space valid bits are from bit 0 to bit (lowBlockNum – 1). In which, lowBlockNum is the number of low blocks returned from FlashInit(); For middle address space valid bits are from bit 0 and bit (midBlockNum – 1). In which, midBlockNum is the number of middle blocks returned from FlashInit(); For high address space valid bits are from bit 0 to bit (highBlockNum – 1). In which, highBlockNum is the number of high blocks returned from FlashInit(); For example, below are bit allocations for blocks in Low/Mid/High Address Space of SPC564A70: Table 53. Troubleshooting for FactoryMarginReadCheck() Returned error bits Possible causes Solution C90FL_ERROR_FMR_MISMATCH The MISR value calculated by the user is incorrect. Re-calculate the MISR values using the correct Data and address. The MISR calculated by the Hardware is incorrect. Hardware Error. C90FL_ERROR_FMR_NO_BLOCK None of the Blocks are enabled for Factory Margin Read Check Enable any of the blocks using variables lowEnabledBlocks, midEnabledBlocks and highEnabledBlock. Table 54. Bit allocation for blocks in low address space MSB LSB bit 31 … bit 10 bit 9 bit 8 … bit 1 bit 0 reserved … reserved block 9 block 8 … block 1 block 0 Table 55. Bit allocation for blocks in middle address space MSB LSB bit 31 … bit 4 bit 3 bit 2 bit 1 bit 0 reserved … reserved reserved reserved block 1 block 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |