Electronic Components Datasheet Search
  English  ▼

X  

UM1748 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1748
Description  This user manual describes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1748 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1748 Datasheet HTML 7Page - STMicroelectronics UM1748 Datasheet HTML 8Page - STMicroelectronics UM1748 Datasheet HTML 9Page - STMicroelectronics UM1748 Datasheet HTML 10Page - STMicroelectronics UM1748 Datasheet HTML 11Page - STMicroelectronics UM1748 Datasheet HTML 12Page - STMicroelectronics UM1748 Datasheet HTML 13Page - STMicroelectronics UM1748 Datasheet HTML 14Page - STMicroelectronics UM1748 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID026226 Rev 1
11/17
UM1748
EVALSTPM34, EVALSTPM33, EVALSTPM32 board
2.2.6
UART connection
UART peripheral also communicates to the device. In this case, all SWC1 switches should
be in ON position when the device powers up. RS232 port is isolated from the board through
Si8621 transceiver to safely connect the board to PC; in this case, J3 jumper has to be
connected. UART isolated pins are also available on J2 connector (Table 5) for MCU
connection; in this case J3 jumper has to be disconnected. If UART connection is used, a
separate 3.3 VDC has to be provided to UART section.
2.2.7
Metrology
Current sensing is performed by CT or shunt, while voltage is sensed by voltage
dividers.The EVALSTPM34 board has two currents and two voltage channels, while the
EVALSTPM33 has two currents and one voltage channel, the EVALSTPM32 has one
current and one voltage channel available. Main design parameters are listed in Table 6.
Table 5. J2 UART connector
Name
Description
1RXD
2TXD
3
+3.3 VDC
4GND
Table 6. EVALSTPM3x evaluation board parameters
Channel
Parameter
Value
Primary current
Current sensor sensitivity kS
(1)
1.
For the EVALSTPM34 board only.
2.4 mV/A
Shunt sensor sensitivity(2)
2.
For the EVALSTPM32 and EVALSTPM33 board only.
0.3 mV/A
Primary voltage
R1 voltage divider upper resistor
(3)
3.
R1, R2 names do not refer to specific resistors on the schematic, but these names indicate voltage divider
resistors.
810000
Ω
R2 voltage divider upper resistor
(3)
470
Ω
Secondary current(4)
4.
For the EVALSTPM34 and EVALSTPM33 board.
kS current sensor sensitivity
2.4 mV/A
Secondary voltage(1)
R1 voltage divider upper resistor
(3)
810000
Ω
R2 voltage divider upper resistor
(3)
470
Ω
Any
CP constant pulse
41600 pulses/kWh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com