Electronic Components Datasheet Search
  English  ▼

X  

UM1748 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1748
Description  This user manual describes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1748 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1748 Datasheet HTML 8Page - STMicroelectronics UM1748 Datasheet HTML 9Page - STMicroelectronics UM1748 Datasheet HTML 10Page - STMicroelectronics UM1748 Datasheet HTML 11Page - STMicroelectronics UM1748 Datasheet HTML 12Page - STMicroelectronics UM1748 Datasheet HTML 13Page - STMicroelectronics UM1748 Datasheet HTML 14Page - STMicroelectronics UM1748 Datasheet HTML 15Page - STMicroelectronics UM1748 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
EVALSTPM34, EVALSTPM33, EVALSTPM32 board
UM1748
12/17
DocID026226 Rev 1
A 22 nF capacitor in parallel with R2 implements an antialiasing filter for voltage signal.
Regarding to current signal, the antialiasing filter is given by a 10 nF capacitor and 1 kOhm
resistors.
2.2.8
LED
Two LEDs are connected to programmable LED pins of the device.
2.2.9
Clock
Clocking is provided to the board through 16 MHz quartz. 1 MOhm resistor and 15 pF
capacitors are used to filter noise.
2.2.10
Voltage reference
The STPM34 and STPM33 devices embed two internal independent voltage references.
J11 jumper shorts VREF, or it can be used to connect the external precision voltage
reference. The external reference should be connected between the desired VREF and
GND, if a single reference has to be used for both channels, VREF1 and VREF2 should be
shorted by J11.
2.3
Connection to the line
The board can be connected to line voltage and current in several ways, as shown in below
pictures.
Figure 7. Board connection to phantom load, dual-phase system (STPM34)
VL2
VL1
IL2
IL1
L2
L1
N
GIPG1004141240LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com