Electronic Components Datasheet Search
  English  ▼

X  

UM1748 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1748
Description  This user manual describes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1748 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1748 Datasheet HTML 9Page - STMicroelectronics UM1748 Datasheet HTML 10Page - STMicroelectronics UM1748 Datasheet HTML 11Page - STMicroelectronics UM1748 Datasheet HTML 12Page - STMicroelectronics UM1748 Datasheet HTML 13Page - STMicroelectronics UM1748 Datasheet HTML 14Page - STMicroelectronics UM1748 Datasheet HTML 15Page - STMicroelectronics UM1748 Datasheet HTML 16Page - STMicroelectronics UM1748 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
EVALSTPM34, EVALSTPM33, EVALSTPM32 board
UM1748
14/17
DocID026226 Rev 1
Figure 10. Board connection to isolated AC source (STPM34 and STPM33)
2.4
Board setup
Regarding to the STPM3x evaluation software setup and use, please refer to user manual
UM1719.
The STEVAL-IPE023V1 is not included in the package, therefore it should be ordered
separately. Please read the user manual, before using it.
2.4.1
Connection to PC GUI through the STEVAL-IPE023V1
To evaluate the board using STEVAL-IPE023V1 and the STPM3x evaluation software:
1.
Put J4 enable jumper in EN position
2.
Put SWC1 switches in OFF position
3.
Put J4 jumper in the STEVAL-IPE023V1 board in 1 or 2 position (supply voltage set to
3.3 V)
4.
Connect the EVALSTPM3x board to either AC line or power source or phantom load as
shown in Section 2.3, without powering it on
5.
Connect the USB cable to the STEVAL-IPE023V1 board and to PC
6.
Connect the flat SPI cable from USB board to the EVALSTPM3x board
7.
Power on AC source
8.
Open GUI
9.
When green LED starts blinking click 'options', then 'interface', select 'USB' and select
the proper 'serial port', baud rate is 19200
10. Read from device
~
1:1
Isolated
Source
X
Load
GIPG1004141300LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com