Electronic Components Datasheet Search
  English  ▼

X  

AN4068 Datasheet(PDF) 54 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 50Page - STMicroelectronics AN4068 Datasheet HTML 51Page - STMicroelectronics AN4068 Datasheet HTML 52Page - STMicroelectronics AN4068 Datasheet HTML 53Page - STMicroelectronics AN4068 Datasheet HTML 54Page - STMicroelectronics AN4068 Datasheet HTML 55Page - STMicroelectronics AN4068 Datasheet HTML 56Page - STMicroelectronics AN4068 Datasheet HTML 57Page - STMicroelectronics AN4068 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
FAQs and troubleshooting
AN4068
54/63
Doc ID 022923 Rev 2
signal level. A signal coupler (for example, a capacitive coupling) between the two
sides of the distribution transformers may be required.
●
Q: What method of coupling is preferred for a medium-voltage and low-voltage mains
line: capacitive or inductive?
–
A: For an MV line, capacitive coupling is preferable for narrow-band PLC. In the
case of an LV line, having an unpredictable actual line impedance because of the
number of electrical devices connected on it, the solution should be an L-C series
resonant circuit tuned at channel frequency, designed to have low Q even with
very low line impedance (5
Ω and below).
●
Q: Is it possible to detect the channel quality through the ST7580 device?
–
A: Yes. Using the ST7580 estimators for SNR, always available for the external
host, it is possible to evaluate the channel quality over the physical link between
transmitter and receiver.
●
Q: Why use zero crossing synchronization?
–
A: Zero crossing synchronization is not mandatory for the power line
communication, however it has several advantages.
For instance, it can improve the communication immunity against line noise, since
most of the electrical equipment generates noise on the power line in
correspondence with the mains voltage peak. Zero crossing synchronization
allows the establishing of the link between the transmitter and receiver during the
time with the minimum time-dependent noise.
Zero crossing synchronization is also needed for 3-phase communication. In a
case where one node must communicate with nodes that are connected on other
phases of the mains network, zero crossing synchronization understands which
phase a certain message is coming from via delta-phase calculation.
●
Q: What is the minimum signal-to-noise ratio that the ST7580 can manage?
–
A: A bit error rate (BER) of 10-3 is used as reference. In this condition, the ST7580
can have good receiving performance with a signal-to-noise ratio down to 3-4 dB
for B-PSK coded mode.
●
Q: What could be the main sources of harmonic distortion in the ST7580 transmitted
signal?
–
A: Generally, harmonics can increase because of:
a)
High output current, due to low line impedance
b)
Saturation of magnetic components in the line coupling circuit, due to either poor
dimensioning of the saturation current or to 50 Hz residual current
c)
Capacitive load applied to the power amplifier output
d)
Insufficient margin to the supply rails (low VCC or high output voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com