Electronic Components Datasheet Search
  English  ▼

X  

AN4068 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 51Page - STMicroelectronics AN4068 Datasheet HTML 52Page - STMicroelectronics AN4068 Datasheet HTML 53Page - STMicroelectronics AN4068 Datasheet HTML 54Page - STMicroelectronics AN4068 Datasheet HTML 55Page - STMicroelectronics AN4068 Datasheet HTML 56Page - STMicroelectronics AN4068 Datasheet HTML 57Page - STMicroelectronics AN4068 Datasheet HTML 58Page - STMicroelectronics AN4068 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
AN4068
FAQs and troubleshooting
Doc ID 022923 Rev 2
55/63
11.2
Troubleshooting
1.
Problem: the ST7580 reference design board doesn't work at all.
What to check:
a)
Check that the AC mains supply cable is well connected.
b)
Check the voltage on VCC, VDDIO, VCCA, VDD, VDD_PLL lines. All these
voltages must be present to turn the ST7580 on.
c)
Verify if an 8-MHz clock is present on the XOUT pin (13) of the ST7580 device.
2.
Problem: the ST7580 reference design board is not responding.
What to check:
a)
Check if there is activity when trying to communicate via USB with the board.
b)
Try disconnecting and reconnecting the USB cable; sometimes the USB driver
fails during COM port opening.
c)
Try to reinstall the USB VCP driver for the STM32 on the PC.
d)
Try to reprogram the STM32 with the VCP driver FW.
3.
Problem: the ST7580 reference design board does not transmit.
What to check:
a)
Check the bias voltage on the PA_OUT test point (TP1) with the oscilloscope
probe referred to VSS power ground. A DC voltage of VCC/2 must be measured.
b)
Set the ST7580 in transmission via the ST7580 GUI. A modulated signal should
be detected by the oscilloscope probe, with amplitude equal to the TX_OUT
programmed level multiplied by the PA gain (see Section 7.1.1). If so, there is no
problem with the transmitter section of the ST7580.
4.
Problem: the ST7580 reference design board transmits only for a short while; the
transmission is interrupted.
What to check:
a)
Verify the internal temperature of the ST7580, available inside the management
information base (MIB) and accessible via the ST7580 GUI.
b)
Check if there is short-circuit (i.e. capacitive) impedance on the mains at the
carrier frequency. It may lead to device overheating and PA thermal shutdown.
5.
Problem: the ST7580 reference design board does not receive.
What to check:
a)
Check if the transmitted signal reaches the ST7580 device by measuring the
RX_IN line voltage (TP5) with the oscilloscope probe referred to VSSA signal
ground.
b)
Check that the GUI is setting the transmitter and the receiver to use the same tone
frequencies.
6.
Problem: during a communication test, the ST7580 GUI shows high ‘bit error rate’
(BER).
Note:
This point refers to a half-duplex communication involving two ST7580 reference design
boards communicating with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com