Electronic Components Datasheet Search
  English  ▼

X  

AN4068 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 32Page - STMicroelectronics AN4068 Datasheet HTML 33Page - STMicroelectronics AN4068 Datasheet HTML 34Page - STMicroelectronics AN4068 Datasheet HTML 35Page - STMicroelectronics AN4068 Datasheet HTML 36Page - STMicroelectronics AN4068 Datasheet HTML 37Page - STMicroelectronics AN4068 Datasheet HTML 38Page - STMicroelectronics AN4068 Datasheet HTML 39Page - STMicroelectronics AN4068 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
Reference design standard tests
AN4068
36/63
Doc ID 022923 Rev 2
output signal level has been set to nearly 9 V peak-to-peak (ST7580 TX_GAIN
parameter = 26), corresponding to 127 dBµV rms.
●
FSK: The test pattern consists of the continuous transmission of 200 ms packets with
50% duty cycle, random payload and FSK modulation with 82 kHz frequency at 9600
baud, deviation 1. The output signal level has been set to nearly 6 V peak-to-peak
(ST7580 TX_GAIN parameter = 21), corresponding to 126 dBµV rms.
Figure 22.
Conducted emissions test setup
The conducted emissions measurement results are reported below. Quasi-peak
measurements have been performed, as required by the EN50065-1 standard document,
for measurements above 150 kHz. Peak measurements are performed for frequencies
below 150 kHz to also show the output signal level compliance. The measured spectrum is
always compared to the EN50065-1 compliance limit mask.
AM11090v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com