Electronic Components Datasheet Search
  English  ▼

X  

UM0323 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0323
Description  STEVAL-PCC001V1 - Getting started with the ST7
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0323 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0323 Datasheet HTML 14Page - STMicroelectronics UM0323 Datasheet HTML 15Page - STMicroelectronics UM0323 Datasheet HTML 16Page - STMicroelectronics UM0323 Datasheet HTML 17Page - STMicroelectronics UM0323 Datasheet HTML 18Page - STMicroelectronics UM0323 Datasheet HTML 19Page - STMicroelectronics UM0323 Datasheet HTML 20Page - STMicroelectronics UM0323 Datasheet HTML 21Page - STMicroelectronics UM0323 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Usage of the evaluation board
UM0323 - User manual
18/24
3
Usage of the evaluation board
When the board is plugged into the PC and after the device driver is correctly installed, the
evaluation board is ready to communicate. You can use it as a standard communication
COM port. The device will become visible as a new COM port in all common serial
communication programs like Windows Terminal application etc.
The COM port number assignment is based on the USB socket used. Therefore, if you plug
the evaluation board into different USB sockets, the COM port number will change
accordingly.
It is also possible to connect more than one evaluation board into one PC. Each of the
boards is assigned to a different COM port number.
You can use the application USB_FS_test.exe to test the correct functionality of the
evaluation board. The application is included on the supplied CD-ROM.
Warning:
It is not possible to use the loop-back device to test the
evaluation board due to half-duplex limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com