Electronic Components Datasheet Search
  English  ▼

X  

UM0323 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0323
Description  STEVAL-PCC001V1 - Getting started with the ST7
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0323 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0323 Datasheet HTML 15Page - STMicroelectronics UM0323 Datasheet HTML 16Page - STMicroelectronics UM0323 Datasheet HTML 17Page - STMicroelectronics UM0323 Datasheet HTML 18Page - STMicroelectronics UM0323 Datasheet HTML 19Page - STMicroelectronics UM0323 Datasheet HTML 20Page - STMicroelectronics UM0323 Datasheet HTML 21Page - STMicroelectronics UM0323 Datasheet HTML 22Page - STMicroelectronics UM0323 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
UM0323 - User manual
Evaluation board hardware description
19/24
4
Evaluation board hardware description
The evaluation board hardware layout was created in OrCAD 10.3 and all project files are included on the
installation CD-ROM in the Hardware directory.
Figure 24.
Evaluation board components layout
Connectors:
●
K1 - USB B connector for connection to the PC
●
P1 - CANON 9 pin male RS232 connector
●
J3 - Power connector, pin1 (square pad) = +5V, pin2 = GND
●
J4 - GPIO port D of ST72651. Can be used for connecting additional circuitry.
●
J5 - ICC programming connector. Used for programming ST72651 with new firmware or for
debugging.
●
J6 - TTL level of RS232 RX (circle pad) and TX (square pad) signals. Some applications need only
TTL signal levels for serial communication.
●
J7 - GPIO port B of ST72651. Can be used for connecting additional circuitry.
Junctions (all connected by default):
●
CB1 - Connect/Disconnect +10V to pin 4 of the RS232 connector (DTR signal). This connection can
be used to power the application connected with RS232
●
CB2 - Connect/Disconnect RX TTL signal from MCU to RS232 level shifter.
●
CB3 - Connect/Disconnect TX TTL signal from MCU to RS232 level shifter.
LEDs:
●
D1 - lights up when the board is connected to USB and enumerated
●
D2 - lights up during transfers from USB to RS232
●
D3 - lights up during transfers from RS232 to USB.
AI12635
PLUG
P1
1
6
9
5
C16 C14 C15 C17
CB1
CB3
CB2
C20
C19
U3
R8
R7
9
10
J5
1
2
C18
J3
J4
C8
Y1
J6
J7
49
33
117
U1
R9
C21
C10
C9
C11
R3
C13
R1
R5
D1
R4
D3
R6
D2
K1
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com