Electronic Components Datasheet Search
  English  ▼

X  

UM0323 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0323
Description  STEVAL-PCC001V1 - Getting started with the ST7
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0323 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0323 Datasheet HTML 16Page - STMicroelectronics UM0323 Datasheet HTML 17Page - STMicroelectronics UM0323 Datasheet HTML 18Page - STMicroelectronics UM0323 Datasheet HTML 19Page - STMicroelectronics UM0323 Datasheet HTML 20Page - STMicroelectronics UM0323 Datasheet HTML 21Page - STMicroelectronics UM0323 Datasheet HTML 22Page - STMicroelectronics UM0323 Datasheet HTML 23Page - STMicroelectronics UM0323 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Evaluation board firmware
UM0323 - User manual
20/24
5
Evaluation board firmware
All source and project files for the microcontroller firmware are included in the Software
directory of the installation CD-ROM.
The evaluation board firmware was developed in the ST Visual Develop rev. 3.3.2 IDE with
16k limited version of Cosmic C compiler 4.5c. Both software tools are available on the ST
internet site http://www.st.com/mcu.
You can also contact your local ST sales office for obtaining this software.
Cosmic C compiler must be installed in the path without spaces in the name, i.e.
"C:\COSMIC\CXST7_16K\". The default installation path cannot be used.
In order to compile the whole project correctly the user has to modify the file
USB_FS_7265_32K.MAK and select the correct path to the project in the PRJ_PATH
definition.
In case the recommended path for Cosmic C compiler is not used, the user has to also
modify the file USB_FS_7265_32K.LKF and modify the pre-set path to correct the Cosmic C
compiler location.
The firmware is based on the standard ST7 USB Full Speed library. This library can also be
downloaded from ST internet site http://www.st.com/mcu.
One part of the source code is dedicated to Data Transfer Coprocessor, which is part of the
ST72651 MCU. This code can be compiled using the tools included with the source code. In
the "DTC Compiler\Fsm" part of the source code you can find the batch file all.bat which
automatically compiles the source files for DTC and copies the result into the correct project
directory. This batch file should be modified in order to change user paths to the project. The
DTC implements the RS232 serial communication protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com