Electronic Components Datasheet Search
  English  ▼

X  

UPD17149CT Datasheet(PDF) 45 Page - NEC

Part # UPD17149CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17149CT Datasheet(HTML) 45 Page - NEC

Back Button UPD17149CT Datasheet HTML 41Page - NEC UPD17149CT Datasheet HTML 42Page - NEC UPD17149CT Datasheet HTML 43Page - NEC UPD17149CT Datasheet HTML 44Page - NEC UPD17149CT Datasheet HTML 45Page - NEC UPD17149CT Datasheet HTML 46Page - NEC UPD17149CT Datasheet HTML 47Page - NEC UPD17149CT Datasheet HTML 48Page - NEC UPD17149CT Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
45
µPD17145(A1), 17147(A1), 17149(A1)
14. A/D CONVERTER
The
µPD17149(A1) is provided with an A/D converter with 4 analog input channels (P0C0/ADC0-P0C3/ADC3)
and a resolution of 8 bits.
This A/D converter is of the successive approximation type and operates in the following two modes:
1
Successive mode in which 8-bit A/D conversion is sequentially performed starting from the most
significant bit
2
Single mode in which an input analog voltage is compared with the set value of an 8-bit data register
14.1 Configuration of A/D Converter
Figure 14-1 shows the configuration of the A/D converter.
Figure 14-1. Block Diagram of A/D Converter
Note
The 8-bit data register (ADCR) is cleared to 00H when the STOP instruction is executed.
Internal bus
Read signal
P0Cn/ADCn
RF: 22H
RF: 20H
RF: 21H
0 0 ADCCH1 ADCCH0
0 0 0 ADCSTRT
ADCSOFT
0 ADCCMP ADCEND
Control circuit
Comparator
Selector
Tap decoder
8-bit data register Note
(ADCR)
8
8
D/A converter
R/2
R
R
3R/2
Remark n = 0 to 3
Output
latch
4
Selector
P0CnIDI
P0CBIOn
P0F1 input data
A/D end signal
STOP instruction signal
P0F1/VREF
P0CnIDI
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com