Electronic Components Datasheet Search
  English  ▼

X  

UPD17149CT Datasheet(PDF) 65 Page - NEC

Part # UPD17149CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17149CT Datasheet(HTML) 65 Page - NEC

Back Button UPD17149CT Datasheet HTML 61Page - NEC UPD17149CT Datasheet HTML 62Page - NEC UPD17149CT Datasheet HTML 63Page - NEC UPD17149CT Datasheet HTML 64Page - NEC UPD17149CT Datasheet HTML 65Page - NEC UPD17149CT Datasheet HTML 66Page - NEC UPD17149CT Datasheet HTML 67Page - NEC UPD17149CT Datasheet HTML 68Page - NEC UPD17149CT Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
65
µPD17145(A1), 17147(A1), 17149(A1)
19. POC CIRCUIT (MASK OPTION)
The POC circuit monitors the supply voltage. When the supply voltage is turned ON/OFF, it automatically
resets the internal circuitry of the microcontroller. This circuit can be used in an application circuit with a clock
frequency of 400 kHz to 4 MHz.
The
µPD17149 (A1) can be provided with the POC circuit by mask option.
Caution
The POC circuit is not provided to the PROM model (
µPD17P149).
19.1 Function of POC Circuit
The POC circuit has the following functions:
• Generates internal reset signal when VDD
≤ VPOC
• Clears internal reset signal when VDD > VPOC
(where, VDD: supply voltage, VPOC: POC detection voltage)
Figure 19-1. Operation of POC Circuit
5.5 V
4.5 V
VPOC
2.7 V
0 V
Note 3
VDD
Note 1
→ t
Reset
Operation modeNote 4
Reset
Operation guaranteed range
Internal reset signal
↑
Note 2
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com