Electronic Components Datasheet Search
  English  ▼

X  

UPD17149CT Datasheet(PDF) 85 Page - NEC

Part # UPD17149CT
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17149CT Datasheet(HTML) 85 Page - NEC

Back Button UPD17149CT Datasheet HTML 81Page - NEC UPD17149CT Datasheet HTML 82Page - NEC UPD17149CT Datasheet HTML 83Page - NEC UPD17149CT Datasheet HTML 84Page - NEC UPD17149CT Datasheet HTML 85Page - NEC UPD17149CT Datasheet HTML 86Page - NEC UPD17149CT Datasheet HTML 87Page - NEC UPD17149CT Datasheet HTML 88Page - NEC UPD17149CT Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
85
µPD17145(A1), 17147(A1), 17149(A1)
Serial transfer operation (VDD = 2.7 to 5.5 V, Ta = –40 to +110
°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
VDD = 4.5 to 5.5 V
2.0
µs
10
µs
RL = 1 k
Ω,VDD = 4.5 to 5.5 V
2.0
µs
CL = 100 pF
8
µs
Internal pull-up,
VDD = 4.5 to 5.5 V
32
µs
CL = 100 pF
64
µs
VDD = 4.5 to 5.5 V
1.0
µs
5.0
µs
SCK high-, low-level
t KH,
RL = 1 k
Ω,VDD = 4.5 to 5.5 V tKCY/2 – 0.6
µs
width
t KL
CL = 100 pF
t KCY/2 – 1.2
µs
Internal pull-up,
VDD = 4.5 to 5.5 V t KCY/2 – 12
µs
CL = 100 pF
t KCY/2 – 24
µs
SI setup time (to SCK
↑)tSIK
100
ns
SI hold time (from SCK
↑)
t KSI
100
ns
RL = 1 k
Ω, CL = 100 pF
VDD = 4.5 to 5.5 V
0.8
µs
SO output delay time
1.4
µs
from SCK
↓
Internal pull-up,
VDD = 4.5 to 5.5 V
14
µs
CL = 100 pF
26
µs
Remark RL: load resistance of output line
CL: load capacitance of output line
Serial transfer timing
Input
Output
SCK cycle time
t KCY
Input
Output
t KSO
VDD
RL
CL
Output line
SCK
SI
SO
t KCY
t KL
t KH
t SIK
t KSI
t KSO
Output data
Input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com