Electronic Components Datasheet Search
  English  ▼

X  

PVO402P Datasheet(PDF) 3 Page - International Rectifier

Part # PVO402P
Description  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVO402P Datasheet(HTML) 3 Page - International Rectifier

  PVO402P Datasheet HTML 1Page - International Rectifier PVO402P Datasheet HTML 2Page - International Rectifier PVO402P Datasheet HTML 3Page - International Rectifier PVO402P Datasheet HTML 4Page - International Rectifier PVO402P Datasheet HTML 5Page - International Rectifier PVO402P Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PVO402P
Ambient Temperature (deg. C)
Relay
20
40
60
80
100
0
25
50
75
0
100
125
I
LED
3 mA
= 5 mA
Vdd, Drain to Drain Voltage (V)
0
10
20
30
40
50
200
150
100
50
0
Relay
Connection Diagram
1
2
8
7
6
3
45
Figure 1. Current Derating Curve
Figure 2. Typical Output Capacitance
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com