Electronic Components Datasheet Search
  English  ▼

X  

PVO402P Datasheet(PDF) 5 Page - International Rectifier

Part # PVO402P
Description  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVO402P Datasheet(HTML) 5 Page - International Rectifier

  PVO402P Datasheet HTML 1Page - International Rectifier PVO402P Datasheet HTML 2Page - International Rectifier PVO402P Datasheet HTML 3Page - International Rectifier PVO402P Datasheet HTML 4Page - International Rectifier PVO402P Datasheet HTML 5Page - International Rectifier PVO402P Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PVO402P
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
Figure 9.Typical Transfer Characteristics
Delay Time (microseconds)
50
100
200
500
20
1000 2000
20
10
5
3
toff
t dly
ton
Relay
90%
10%
I
I LED
D
tdly
ton
toff
Collector-Emitter Voltage (V)
Detector
2468
10
0
10
20
30
0
40
50
1 mA
2 mA
5 mA
10 mA
ILED=
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com