Electronic Components Datasheet Search
  English  ▼

X  

PVO402P Datasheet(PDF) 1 Page - International Rectifier

Part # PVO402P
Description  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVO402P Datasheet(HTML) 1 Page - International Rectifier

  PVO402P Datasheet HTML 1Page - International Rectifier PVO402P Datasheet HTML 2Page - International Rectifier PVO402P Datasheet HTML 3Page - International Rectifier PVO402P Datasheet HTML 4Page - International Rectifier PVO402P Datasheet HTML 5Page - International Rectifier PVO402P Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. 1.036B
PVO402P
Microelectronic
Power IC Relay
Dual Pole, Normally Open + Ring Detector
0-400V, 120mA AC/DC
HEXFET® POWER MOSFET PHOTOVOLTAIC RELAY
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
General Description
The PVO402P Photovoltaic Relay is a dual-pole,
normally open solid-state relay plus ring detec-
tor. By integrating these two functions in one
package it can replace two discrete components,
i.e., a relay and an AC-input opto-coupler. The
relay portion of PVO402P utilizes International
Rectifier’s HEXFET power MOSFET as the out-
put switch, driven by an integrated circuit
photovoltaic generator of novel construction. The
output switch is controlled by radiation from a
GaAlAs light emitting diode (LED) which is opti-
cally isolated from the photovoltaic generator.
The ring detector portion of PVO402P has two
LEDs in inverse parallel connection as the input
sensing element and a silicon NPN photo-tran-
sistor as the output switch.
PVO402P is ideally suited for PCMCIA fax/mo-
dem cards. Its extremely low profile allows it to
be used in Type II cards whose outer shells are
only 5mm thick.
PVO402P Relays are packaged in an 8-pin,
molded ‘Thin-Pak’ DIP package with ‘gull-wing’
surface mount terminals. It is available in plastic
shipping tubes or on tape-and-reel. Please refer
to Part Identification (opposite) for details.
Applications
On/Off Hook switch s
s
s
s
s
Dial pulsing s
s
s
s
s
Ringer injection s
s
s
s
s
Ring detection s
s
s
s
s
Loop current detection s
s
s
s
s
PVO402P Features
HEXFET Power MOSFET output s
s
s
s
s
Bounce-free operation s
s
s
s
s
3,750 VRMS I/O isolation s
s
s
s
s
Linear AC/DC operation s
s
s
s
s
Solid-State reliability s
s
s
s
s
UL recognized s
s
s
s
s
Part Identification
PVO402P
SMT, plastic shipping tube
PVO402P-T
SMT, T&R
PVO402P
‘Thin-Pak’
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVO402P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVO402AP IRF-PVO402AP Datasheet
90Kb / 6P
Single Pole, Normally Open Ring Detector
More results

Similar Description - PVO402P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVT422 IRF-PVT422 Datasheet
304Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422P IRF-PVT422P Datasheet
331Kb / 4P
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com