Electronic Components Datasheet Search
  English  ▼

X  

RHN7150 Datasheet(PDF) 3 Page - International Rectifier

Part # RHN7150
Description  TRANSISTOR N-CHANNEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RHN7150 Datasheet(HTML) 3 Page - International Rectifier

  RHN7150 Datasheet HTML 1Page - International Rectifier RHN7150 Datasheet HTML 2Page - International Rectifier RHN7150 Datasheet HTML 3Page - International Rectifier RHN7150 Datasheet HTML 4Page - International Rectifier RHN7150 Datasheet HTML 5Page - International Rectifier RHN7150 Datasheet HTML 6Page - International Rectifier RHN7150 Datasheet HTML 7Page - International Rectifier RHN7150 Datasheet HTML 8Page - International Rectifier RHN7150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Radiation Performance of Mega Rad Hard HEXFETs
IRHN7150, IRHN8150 Devices
Radiation Characteristics
International Rectifier Radiation Hardened HEX-FETs
are tested to verify their hardness capability.
The hardness assurance program at International
Rectifier uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of 12 volts per note 6 and
figure 8a and a VDSS bias condition equal to 80%
of the device rated voltage per note 7 and figure
8b. Pre- and post-radiation limits of the devices irra-
diated to 1 x 105 Rads (Si) are identical and are pre-
sented in Table 1, column 1, IRHN7150. Device
performance limits at a post radiation level of 1 x
106 Rads (Si) are presented in Table 1, column 2,
IRHN8150. The values in Table 1 will be met for ei-
ther of the two low dose rate test circuits that are
used. Typical delta curves showing radiation re-
sponse appear in figures 1 through 5. Typical post-
radiation curves appear in figures 10 through 17.
Both pre- and post-radiation performance are tested
and specified using the same drive circuitry and test
conditions in order to provide a direct comparison. It
should be noted that at a radiation level of 1 x 105
Rads (Si), no change in limits are specified in DC
parameters. At a radiation level of 1 x106 Rads (Si),
leakage remains low and the device is usable with
no change in drive circuitry required.
High dose rate testing may be done on a special
request basis, using a dose rate up to 1 x 1012 Rads
(Si)/Sec. Photocurrent and transient voltage wave-
forms are shown in figure 7, and the recommended
test circuit to be used is shown in figure 9.
International Rectifier radiation hardened HEXFETs
have been characterized in neutron and heavy ion
Single Event Effects (SEE) environments. The ef-
fects on bulk silicon of the type used by Interna-
tional Rectifier on RAD HARD HEXFETs are shown
in figure 6. Single Event Effects characterization is
shown in Table 3.
Table 2. High Dose Rate “
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min. Typ Max. Min. Typ. Max.
Units
Test Conditions
VDSS
Drain-to-Source Voltage
—
—
80
—
—
80
V
Applied drain-to-source voltage
during gamma-dot
IPP
—
100
—
—
100
—
A
Peak radiation induced photo-current
di/dt
—
— 1000
—
—
150 A/µsec Rate of rise of photo-current
L1
0.1
—
—
0.5
—
—
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects ”
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typ.
Units
Ion
(MeV/mg/cm2)
(ions/cm2)(
µm)
(V)
(V)
BVDSS
100
V
Ni
28
1 x 105
~41
100
-5
Table 1. Low Dose Rate ‘ ’
IRHN7150
IRHN8150
Parameter
100K Rads (Si) 1000K Rads (Si)
Units
Test Conditions •
min.
max.
min.
max.
BVDSS
Drain-to-Source Breakdown Voltage
100
—
100
—
V
VGS = 0V, ID = 1.0 mA
VGS(th)
Gate Threshold Voltage 
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0 mA
IGSS
Gate-to-Source Leakage Forward
—
100
—
100
nA
VGS = +20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
—
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
—
25
—
50
µAVDS = 0.8 x Max Rating, VGS = 0
RDS(on)1
Static Drain-to-Source 
—
0.055
—
0.075
Ω
VGS = 12V, ID = 21A
On-State Resistance One
VSD
Diode Forward Voltage 
—
1.9
—
1.9
V
TC = 25°C, IS = 34A,VGS = 0V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com