Electronic Components Datasheet Search
  English  ▼

X  

RHN7150 Datasheet(PDF) 1 Page - International Rectifier

Part # RHN7150
Description  TRANSISTOR N-CHANNEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RHN7150 Datasheet(HTML) 1 Page - International Rectifier

  RHN7150 Datasheet HTML 1Page - International Rectifier RHN7150 Datasheet HTML 2Page - International Rectifier RHN7150 Datasheet HTML 3Page - International Rectifier RHN7150 Datasheet HTML 4Page - International Rectifier RHN7150 Datasheet HTML 5Page - International Rectifier RHN7150 Datasheet HTML 6Page - International Rectifier RHN7150 Datasheet HTML 7Page - International Rectifier RHN7150 Datasheet HTML 8Page - International Rectifier RHN7150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHN7150
100V
0.055
Ω
34A
IRHN8150
100V
0.055
Ω
34A
Features:
s
Radiation Hardened up to 1 x 106 Rads (Si)
s
Single Event Burnout (SEB) Hardened
s
Single Event Gate Rupture (SEGR) Hardened
s
Gamma Dot (Flash X-Ray) Hardened
s
Neutron Tolerant
s
Identical Pre- and Post-Electrical Test Conditions
s
Repetitive Avalanche Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Surface Mount
s
Light-weight
N-CHANNEL
MEGA RAD HARD
Provisional Data Sheet No. PD-9.720A
100 Volt, 0.055
Ω
Ω
Ω
Ω
Ω, MEGA RAD HARD HEXFET
International Rectifier’s MEGA RAD HARD technology
HEXFETs demonstrate excellent threshold voltage sta-
bility and breakdown voltage stability at total radiation
doses as high as 1 x 106 Rads (Si). Under identical pre-
and post-radiation test conditions, International Rectifier’s
RAD HARD HEXFETs retain identical electrical specifi-
cations up to 1 x 105 Rads (Si) total dose. At 1 x 106 Rads
(Si) total dose, under the same pre-dose conditions, only
minor shifts in the electrical specifications are observed
and are so specified in table 1. No compensation in gate
drive circuitry is required. In addition, these devices are
capable of surviving transient ionization pulses as high
as 1 x 1012 Rads (Si)/Sec, and return to normal operation
within a few microseconds. Single Event Effect (SEE)
testing of International Rectifier RAD HARD HEXFETs
has demonstrated virtual immunity to SEE failure. Since
the MEGA RAD HARD process utilizes International
Rectifier’s patented HEXFET technology, the user can
expect the highest quality and reliability in the industry.
RAD HARD HEXFET transistors also feature all of the
well-established advantages of MOSFETs, such as volt-
age control, very fast switching, ease of paralleling and
temperature stability of the electrical parameters.
They are well-suited for applications such as switching
power supplies, motor controls, inverters, choppers, au-
dio amplifiers and high-energy pulse circuits in space and
weapons environments.
IRHN7150
IRHN8150
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
Absolute Maximum Ratings
Parameter
IRHN7150, IRHN8150
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
34
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
21
IDM
Pulsed Drain Current Œ
136
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
500
mJ
IAR
Avalanche Current Œ
34
A
EAR
Repetitive Avalanche Energy Œ
15
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 sec.)
Weight
2.6 (typical)
g
Pre-Radiation
oC
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Description - RHN7150

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N7002 HSMC-H2N7002 Datasheet
65Kb / 4P
N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
TRANSISTOR N-CHANNEL
IRHNA7064 IRF-IRHNA7064 Datasheet
130Kb / 4P
TRANSISTOR N-CHANNEL
IRHNA7160 IRF-IRHNA7160 Datasheet
161Kb / 4P
TRANSISTOR N-CHANNEL
IRHNA7260 IRF-IRHNA7260 Datasheet
161Kb / 4P
TRANSISTOR N-CHANNEL
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
HEXFET TRANSISTOR, N-CHANNEL
logo
Comchip Technology
2N7002 COMCHIP-2N7002 Datasheet
88Kb / 3P
N-CHANNEL TRANSISTOR
logo
Hi-Sincerity Mocroelect...
H2N7002K HSMC-H2N7002K Datasheet
142Kb / 5P
N-CHANNEL TRANSISTOR
H2N7002KSN HSMC-H2N7002KSN Datasheet
163Kb / 4P
N-CHANNEL TRANSISTOR
logo
Silan Microelectronics ...
SVF7N65T SILAN-SVF7N65T Datasheet
323Kb / 10P
N-channel transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com