Electronic Components Datasheet Search
  English  ▼

X  

RHN7150 Datasheet(PDF) 7 Page - International Rectifier

Part # RHN7150
Description  TRANSISTOR N-CHANNEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RHN7150 Datasheet(HTML) 7 Page - International Rectifier

Back Button RHN7150 Datasheet HTML 3Page - International Rectifier RHN7150 Datasheet HTML 4Page - International Rectifier RHN7150 Datasheet HTML 5Page - International Rectifier RHN7150 Datasheet HTML 6Page - International Rectifier RHN7150 Datasheet HTML 7Page - International Rectifier RHN7150 Datasheet HTML 8Page - International Rectifier RHN7150 Datasheet HTML 9Page - International Rectifier RHN7150 Datasheet HTML 10Page - International Rectifier RHN7150 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Radiation Characteristics
IRHN7150, IRHN8150 Devices
Note: Bias Conditions during radiation; VGS = 12 Vdc, VDS = 0 Vdc
Figure 14. – Typical Output Characteristics Pre-Radiation.
Figure 15. – Typical Output Characteristics, Post-Radiation
100K Rads (Si).
Figure 16. – Typical Output Characteristics, Post-Radiation
300K Rads (Si).
Figure 17. – Typical Output Characteristics, Post-Radiation
1 Mega Rads (Si).
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com