Electronic Components Datasheet Search
  English  ▼

X  

D1723GF Datasheet(PDF) 48 Page - NEC

Part # D1723GF
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D1723GF Datasheet(HTML) 48 Page - NEC

Back Button D1723GF Datasheet HTML 44Page - NEC D1723GF Datasheet HTML 45Page - NEC D1723GF Datasheet HTML 46Page - NEC D1723GF Datasheet HTML 47Page - NEC D1723GF Datasheet HTML 48Page - NEC D1723GF Datasheet HTML 49Page - NEC D1723GF Datasheet HTML 50Page - NEC D1723GF Datasheet HTML 51Page - NEC D1723GF Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
48
µPD1723GF-013, µPD1723GF-213
Function
Symbol
AUTO500
Description
MAN UP
MAN DWN
SEEK UP
SEEK DWN
RDMUTE
Pin
Within
0.5 sec
MAN UP
Key OFF
MAN UP Key OFF
MAN UP Key OFF
76.0
76.1
76.2
76.3
RDMUTE
Pin
Approx. 0.5 sec.
MAN UP
Key OFF
76.0
76.1
76.2
76.3
76.4
76.5
IF and SD check is not
performed at the first
1 channel up.
SD, IF
No Station
SD, IF
Station
Each time a key is pressed, the frequency is incremented (
key)
or decremented (
key) one step. When the key is held down for
more than 0.5 seconds, the seek operation (seek up for
and
seek down for
) starts at the point after 0.5 seconds. This seek
operation is the same as that of the
and
keys.
After the key was held down for more than 0.5 seconds, the seek operation
continues even if the key is released.
Example 1)
When key released within 0.5 seconds
Example 2)
When key held down for more than 0.5 seconds
MAN DWN
SEEK UP
SEEK DWN
When the AUTO500 switch was set to 1, do not use the
and
keys.
• During clock display
When the clock is displayed and the
key was pressed and held, the minute
and hour digits are adjusted by pressing the
and
keys.
For a description of the minute and hour digits adjustment method, see the
key above.
LOUD (LOUDNESS) control key.
It is valid in the radio, tape, and CD modes.
Each time this key is pressed, the LCD panel “LOUD” display and the LOUD pin (pin 19)
output are inverted.
The LOUD state is held even when radio, tape, and CD mode switching is performed.
When the power is turned on, the OFF state is set (“LOUD” display OFF, LOUD pin LOW
level).
ME
LOUD
MAN UP
MAN DWN
MAN UP
ME
MAN UP
MAN DWN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com