Electronic Components Datasheet Search
  English  ▼

X  

D1723GF Datasheet(PDF) 21 Page - NEC

Part # D1723GF
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D1723GF Datasheet(HTML) 21 Page - NEC

Back Button D1723GF Datasheet HTML 17Page - NEC D1723GF Datasheet HTML 18Page - NEC D1723GF Datasheet HTML 19Page - NEC D1723GF Datasheet HTML 20Page - NEC D1723GF Datasheet HTML 21Page - NEC D1723GF Datasheet HTML 22Page - NEC D1723GF Datasheet HTML 23Page - NEC D1723GF Datasheet HTML 24Page - NEC D1723GF Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
21
µPD1723GF-013, µPD1723GF-213
Symbol
Function
Local function setting switch.
Its settings are shown below.
Local Function
AUTOLOC
LOCAL ON/OFF by key input.
Each time the
key pressed, the “LOC” display is inverted.
LOCAL output outputs high level only during autotuning (SEEK, SCAN, AMEMO).
Auto local.
The
key is invalid.
When autotuning is selected by
,
,
,
,
keys, the “LOC” display lights and the LOCAL
output becomes high and autotuning is performed.
When autotuning is performed for one cycle, the device searches in the DX mode
(“LOC” display OFF, LOCAL output = Low).
However, the device enters the LOCAL1, LOCAL2 or DX mode only during auto
memory operation.
At other than autotuning, the “LOC” display goes off and the LOCAL output
becomes low.
If the same key (
key for the seek-up operation, etc.) is pressed
during autotuning, if the device is in the LOCAL mode, it searches in the DX mode,
beginning from the frequency at which autotuning started. If the device is in the DX
mode, autotuning stops.
When AUTO500 switch is set to “1” (autotuning by pressing
or
key for 0.5 second) when auto local is used, the following opera-
tions are performed:
Auto local search (LOCAL) mode is performed by pressing the
or
key for more than 0.5 seconds.
When the
or
key is pressed again during LOCAL
search and the 2nd DX search, autotuning stops.
LOC
LOC
SEEK DWN
SEEK UP
AMEMO
SEEK DWN
SEEK UP
MAN DWN
MAN UP
MAN DWN
MAN DWN
MAN UP
0
AUTOLOC
1
SEEK UP
MAN UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com