Electronic Components Datasheet Search
  English  ▼

X  

D1723GF Datasheet(PDF) 9 Page - NEC

Part # D1723GF
Description  PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D1723GF Datasheet(HTML) 9 Page - NEC

Back Button D1723GF Datasheet HTML 5Page - NEC D1723GF Datasheet HTML 6Page - NEC D1723GF Datasheet HTML 7Page - NEC D1723GF Datasheet HTML 8Page - NEC D1723GF Datasheet HTML 9Page - NEC D1723GF Datasheet HTML 10Page - NEC D1723GF Datasheet HTML 11Page - NEC D1723GF Datasheet HTML 12Page - NEC D1723GF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
9
µPD1723GF-013, µPD1723GF-213
PIN NAME
PIN No.
SYMBOL
Radio mute signal output pin.
This pin operates as follows:
• Radio mode
Low level is output at radio ON/OFF, band switching,
and receiving frequency switching.
• Tape and CD modes
High level or Low level can be selected by MUTESEL
switch of the diode matrix to be described later.
However, when using the DK standby or radio moni-
tor function, set the MUTESEL switch to 0 and select
low level output.
For more information, see 4 “Mute Output Timing
Chart”.
Tape and CD mute signal output pin at DK • ON and
radio monitor ON.
In the radio mode, Low level is output and in the tape
and CD modes, High level is output. When DK is turned
on during DK standby and in the radio monitor mode,
low level is output.
For more information, see 4 “Mute Output Timing
Chart”.
DESCRIPTION
Output
TYPE
Radio mute
output
14
RDMUTE
CMOS
pushpull
Audio mute
output
15
AMUTE
CMOS
pushpull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com